Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223ARM-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8223ARM-R7
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223ARM-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8223ARM-R7 Datasheet HTML 12Page - Analog Devices AD8223ARM-R7 Datasheet HTML 13Page - Analog Devices AD8223ARM-R7 Datasheet HTML 14Page - Analog Devices AD8223ARM-R7 Datasheet HTML 15Page - Analog Devices AD8223ARM-R7 Datasheet HTML 16Page - Analog Devices AD8223ARM-R7 Datasheet HTML 17Page - Analog Devices AD8223ARM-R7 Datasheet HTML 18Page - Analog Devices AD8223ARM-R7 Datasheet HTML 19Page - Analog Devices AD8223ARM-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8223
Preliminary Technical Data
Rev.
PrA | Page 16 of 20
APPLICATIONS INFORMATION
+2.5V TO +6V
REF (INPUT)
–2.5V TO –6V
REF
OUTPUT
+3V TO +12V
+
–
+
–
+VS
10µF
0.1µF
10µF
0.1µF
10µF
0.1µF
+
+
VOUT
+
RG
RG
RG
VIN
–VS
REF (INPUT)
REF
OUTPUT
+VS
VOUT
RG
RG
RG
VIN
A. DUAL SUPPLY
B. SINGLE SUPPLY
Figure 34. Basic Connections
BASIC CONNECTION
Figure 34 shows the basic connection circuit for the AD8223.
The +VS and −VS terminals are connected to the power supply.
The supply can be either bipolar (VS = ±2.5 V to ±12.5 V) or
single supply (−VS = 0 V, +VS = +3.0 V to +25 V). Power
supplies should be capacitively decoupled close to the device’s
power pins. For best results, use surface-mount 0.1 μF ceramic
chip capacitors and 10 μF electrolytic tantalum capacitors.
The input voltage, which can be either single-ended (tie either
−IN or +IN to ground) or differential, is amplified by the
programmed gain. The output signal appears as the voltage
difference between the output pin and the externally applied
voltage on the REF input.
DIFFERENTIAL OUTPUT
Figure 35 shows how to create a differential output in-amp. A
OP1177 op amp creates the inverted output. Because the op
amp drives the AD8223 reference pin, the AD8223 can still
ensure that the differential voltage is correct. Errors from the
op amp or mismatched resistors are common to both outputs
and are thus common mode. These common-mode errors
should be rejected by the next device in the signal chain.
+IN
–IN
REF
AD8223
VREF
20k
Ω
+
–
OP1177
+OUT
–OUT
20k
Ω
Figure 35. Differential Output Using Op Amp
OUTPUT BUFFERING
The AD8223 is designed to drive loads of 10 kΩ or greater. If
the load is less than this value, the AD8223 output should be
buffered with a precision single-supply op amp such as the
OP113. This op amp can swing from 0 V to 4 V on its output
while driving a load as small as 600 Ω.
5V
AD8223
REF
OP113
5V
VOUT
+
–
0.1µF
0.1µF
+
–
VIN
RG
Figure 36. Output Buffering
CABLES
Receiving from a Cable
In many applications, shielded cables are used to minimize
noise; for best CMR over frequency, the shield should be
properly driven. Figure 37 shows an active guard drive that
is configured to improve ac common-mode rejection by
bootstrapping the capacitances of input cable shields, thus
minimizing the capacitance mismatch between the inputs.
RG
2
–INPUT
+INPUT
100
Ω
AD8223
AD8031
REFERENCE
VOUT
RG
2
+VS
–VS
2
7
6
5
4
1
8
3
Figure 37. Common-Mode Shield Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com