Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223ARM-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8223ARM-R7
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223ARM-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8223ARM-R7 Datasheet HTML 12Page - Analog Devices AD8223ARM-R7 Datasheet HTML 13Page - Analog Devices AD8223ARM-R7 Datasheet HTML 14Page - Analog Devices AD8223ARM-R7 Datasheet HTML 15Page - Analog Devices AD8223ARM-R7 Datasheet HTML 16Page - Analog Devices AD8223ARM-R7 Datasheet HTML 17Page - Analog Devices AD8223ARM-R7 Datasheet HTML 18Page - Analog Devices AD8223ARM-R7 Datasheet HTML 19Page - Analog Devices AD8223ARM-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Preliminary Technical Data
AD8223
Rev.
PrA | Page 17 of 20
Driving a Cable
All cables have a certain capacitance per unit length, which
varies widely with cable type. The capacitive load from the
cable may cause peaking in the AD8223’s output response. To
reduce the peaking, use a resistor between the AD8223 and the
cable. Because cable capacitance and desired output response
vary widely, this resistor is best determined empirically. A good
starting point is 50 Ω.
The AD8232 operates at a low enough frequency that
transmission line effects are rarely an issue; therefore, the
resistor need not match the characteristic impedance of
the cable.
AD8223
(DIFF OUT)
AD8223
(SINGLE OUT)
Figure 38. Driving a Cable
A SINGLE-SUPPLY DATA ACQUISITION SYSTEM
Interfacing bipolar signals to single-supply analog-to-digital
converters (ADCs) presents a challenge. The bipolar signal
must be mapped into the input range of the ADC. Figure 39
shows how this translation can be achieved.
±10mV
5V
AD8223
REF
5V
AD7776
5V
+
–
AIN
REFOUT
REFIN
0.1µF
0.1µF
RG
1.02k
Ω
Figure 39. A Single Supply Data Acquisition System
The bridge circuit is excited by a +5 V supply. The full-scale
output voltage from the bridge (±10 mV) therefore has a
common-mode level of 2.5 V. The AD8223 removes the
common-mode component and amplifies the input signal by a
factor of 100 (RGAIN = 1.02 kΩ). This results in an output signal
of ±1 V. To prevent this signal from running into the AD8223
ground rail, the voltage on the REF pin has to be raised to at
least 1 V. In this example, the 2 V reference voltage from the
AD7776 ADC is used to bias the AD8223 output voltage to 2 V
± 1 V. This corresponds to the input range of the ADC.
AMPLIFYING SIGNALS WITH LOW COMMON-
MODE VOLTAGE
Because the common-mode input range of the AD8223 extends
0.1 V below ground, it is possible to measure small differential
signals that have low, or no, common-mode components. Figure 40
shows a thermocouple application where one side of the J-type
thermocouple is grounded.
2V
5V
AD8223
REF
0.1µF
VOUT
RG
1.02k
Ω
+
–
J-TYPE
THERMOCOUPLE
Figure 40. Amplifying Bipolar Signals with Low Common-Mode Voltage
Over a temperature range from −200°C to +200°C, the J-type
thermocouple delivers a voltage ranging from −7.890 mV
to 10.777 mV. A programmed gain on the AD8223 of 100
(RG = 845) and a voltage on the AD8223 REF pin of 2 V results
in the AD8223 output voltage ranging from 1.110 V to 3.077 V
relative to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com