Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301X6 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F301X6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 35Page - STMicroelectronics STM32F301X6 Datasheet HTML 36Page - STMicroelectronics STM32F301X6 Datasheet HTML 37Page - STMicroelectronics STM32F301X6 Datasheet HTML 38Page - STMicroelectronics STM32F301X6 Datasheet HTML 39Page - STMicroelectronics STM32F301X6 Datasheet HTML 40Page - STMicroelectronics STM32F301X6 Datasheet HTML 41Page - STMicroelectronics STM32F301X6 Datasheet HTML 42Page - STMicroelectronics STM32F301X6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
----
24
PC4
I/O
TT
-
EVENTOUT, TIM1_ETR,
USART1_TX
-
----
25
PC5
I/O
TTa
-
EVENTOUT, TIM15_BKIN,
TSC_G3_IO1, USART1_RX
OPAMP2_VINM
14
15 G5 18
26
PB0
I/O
TTa
-
TSC_G3_IO2, TIM1_CH2N,
EVENTOUT
ADC1_IN11, COMP4_INP,
OPAMP2_VINP
15
-
G4 19
27
PB1
I/O
TTa
-
TSC_G3_IO3, TIM1_CH3N,
COMP4_OUT, EVENTOUT
ADC1_IN12
-
-
G3 20
28
PB2
I/O
TTa
-
TSC_G3_IO4, EVENTOUT
COMP4_INM
-
-
E3 21
29
PB10
I/O
TT
-
TIM2_CH3, TSC_SYNC,
USART3_TX, EVENTOUT
-
-
-
G2 22
30
PB11
I/O
TTa
-
TIM2_CH4, TSC_G6_IO1,
USART3_RX, EVENTOUT
ADC1_IN14, COMP6_INP
16
16 D3 23
31
VSS
S
-
-
Digital ground
17
17 B2 24
32
VDD
S
-
-
Digital power supply
-
-
E2 25
33
PB12
I/O
TT
-
TSC_G6_IO2, I2C2_SMBAL,
SPI2_NSS/I2S2_WS, TIM1_BKIN,
USART3_CK, EVENTOUT
-
-
-
G1 26
34
PB13
I/O
TTa
-
TSC_G6_IO3, SPI2_SCK/I2S2_CK,
TIM1_CH1N, USART3_CTS,
EVENTOUT
ADC1_IN13
Table 13. STM32F301x6/8 pin definitions (continued)
Pin Number
Pin name
(function after reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com