Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301X6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F301X6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 37Page - STMicroelectronics STM32F301X6 Datasheet HTML 38Page - STMicroelectronics STM32F301X6 Datasheet HTML 39Page - STMicroelectronics STM32F301X6 Datasheet HTML 40Page - STMicroelectronics STM32F301X6 Datasheet HTML 41Page - STMicroelectronics STM32F301X6 Datasheet HTML 42Page - STMicroelectronics STM32F301X6 Datasheet HTML 43Page - STMicroelectronics STM32F301X6 Datasheet HTML 44Page - STMicroelectronics STM32F301X6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 141 page
background image
20
20 C2 31
43
PA10
I/O
FTf
-
TIM17_BKIN, TSC_G4_IO2,
I2C2_SDA, SPI2_MISO/I2S2ext_SD,
TIM1_CH3, USART1_RX,
COMP6_OUT, TIM2_CH4,
EVENTOUT
-
21
21 C1 32
44
PA11
I/O
FT
-
SPI2_MOSI/I2S2_SD, TIM1_CH1N,
USART1_CTS, TIM1_CH4,
TIM1_BKIN2, EVENTOUT
22
22 C3 33
45
PA12
I/O
FT
-
TIM16_CH1, I2SCKIN, TIM1_CH2N,
USART1_RTS_DE, COMP2_OUT,
TIM1_ETR, EVENTOUT
23
23 B3 34
46
PA13
I/O
FT
-
SWDIO, TIM16_CH1N,
TSC_G4_IO3, IR-OUT,
USART3_CTS, EVENTOUT
-
-
-
B1 35
47
VSS
S
-
-
Digital ground
-
-
B2 36
48
VDD
S
-
-
Digital power supply
24
24 A1 37
49
PA14
I/O
FTf
-
SWCLK-JTCK, TSC_G4_IO4,
I2C1_SDA, TIM1_BKIN,
USART2_TX, EVENTOUT
-
25
25 A2 38
50
PA15
I/O
FTf
-
JTDI, TIM2_CH1/TIM2_ETR,
TSC_SYNC, I2C1_SCL,
SPI3_NSS/I2S3_WS, USART2_RX,
TIM1_BKIN, EVENTOUT
-
Table 13. STM32F301x6/8 pin definitions (continued)
Pin Number
Pin name
(function after reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com