Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6258
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6258 Datasheet HTML 9Page - STMicroelectronics L6258 Datasheet HTML 10Page - STMicroelectronics L6258 Datasheet HTML 11Page - STMicroelectronics L6258 Datasheet HTML 12Page - STMicroelectronics L6258 Datasheet HTML 13Page - STMicroelectronics L6258 Datasheet HTML 14Page - STMicroelectronics L6258 Datasheet HTML 15Page - STMicroelectronics L6258 Datasheet HTML 16Page - STMicroelectronics L6258 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ACloaddB
= 20 ⋅ log
VS
Bemf
VS
RS
RL
+ RS
we can see that the Bemf influences only the gain
of the load block and does not introduce any
other additional pole or zero, so from the stability
point of view the effect of the Bemf of the motor is
not critical because the phase margin remains the
same.
Practically the only effect of the Bemf is to limit
the gain of the total Aloop with a consequent vari-
ation of the bandwidth of the system.
APPLICATION INFORMATION
A typical application circuit is shown in Fig.4.
Note: For avoid current spikes on falling edge of
DISABLE a "DC reaction" would be added
to the ERROR Amplifier. (R1-R2 on Fig. 4).
Interference
Due to the fact that the circuit operates with
switch mode current regulation, to reduce the ef-
fect of the wiring inductance a good capacitor
(100nF) can be placed on the board near the
package, between the power supply line (pin
13,31) and the power ground (pin 1,36,18,19) to
absorb the small amount of inductive energy.
It should be noted that this capacitor is usually re-
quired in addition to an electrolytic capacitor, that
has poor performance at the high frequencies, al-
ways located near the package, between power
supply voltage (pin 13,31) and power ground (pin
1,36,18,19), just to have a current recirculation
path during the fast current decay or during the
phase change.
The range value of this capacitor is between few
µF and 100µF, and it must be chosen depending
on application parameters like the motor induc-
tance and load current amplitude.
A decoupling capacitor of 100nF is suggested
also between the logic supply and ground.
A non inductive resistor is the best way to imple-
ment the sensing. Whether this is not possible,
some metal film resistor of the same value can be
paralleled.
The two inputs for the sensing of the winding mo-
tor current (SENSE_A & SENSE_B) should be
connected directly on the sensing resistor Rs ter-
minals, and the path lead between the Rs and the
two sensing inputs should be as short as possi-
ble.
STEPPER
MOTOR
M
12mH 10
0.33
0.33
21
20
14
35
34
5
OUT2B
SENSE2
OUT2A
SENSE1
OUT1B
OUT1A
PH1
2
I0_1
4
I1_1
3
I2_1
32
I3_1
33
PH2
17
I0_2
15
I1_2
16
I2_2
23
I3_2
22
DISABLE
6
10nF
100nF
1nF
TRI_CAP
7
GND
9
VBOOT
12
VCP2
11
VCP1
10
13,31
VS
1,36
18,19
PWR_GND
VS
27
SIG_GND
28
D97IN626D
VREF1
26
VREF2
29
EA_IN1
30
EA_OUT1
820pF
1M
25
EA_IN2
24
EA_OUT2
820pF
1M
VREF
8
VDD
VDD(5V)
L6258
SOP36
PACKAGE
R2 1M
R1 1M
Figure 4: Typical Application Circuit.
L6258
13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com