Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6258
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 3 Page - STMicroelectronics

  L6258 Datasheet HTML 1Page - STMicroelectronics L6258 Datasheet HTML 2Page - STMicroelectronics L6258 Datasheet HTML 3Page - STMicroelectronics L6258 Datasheet HTML 4Page - STMicroelectronics L6258 Datasheet HTML 5Page - STMicroelectronics L6258 Datasheet HTML 6Page - STMicroelectronics L6258 Datasheet HTML 7Page - STMicroelectronics L6258 Datasheet HTML 8Page - STMicroelectronics L6258 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PIN FUNCTIONS
Pin #
Name
Description
1, 36
PWR_GND
Ground connection (1). They also conduct heat from die to printed circuit
copper.
2, 17
PH_1, PH_2
These TTL compatible logic inputs set the direction of current flow through
the load. A high level causes current to flow from OUTPUT A to OUTPUT B.
3I1_1
Logic input of the internal DAC (1). The output voltage of the DAC is a
percentage of the Vref voltage applied according to the thruth table of page 7
4I0_1
See pin 3
5
OUT1A
Bridge output connection (1)
6
DISABLE
Disables the bridges for additional safety during switching. When not
connected the bridges are enabled
7
TRI_cap
Triangular wave generation circuit capacitor. The value of this capacitor
defines the output switching frequency
8VCC (5V)
Supply Voltage Input for logic circuitry
9
GND
Power Ground connection of the internal charge pump circuit
10
VCP1
Charge pump oscillator output
11
VCP2
Input for external charge pump capacitor
12
VBOOT
Overvoltage input for driving of the upper DMOS
13, 31
VS
Supply voltage input for output stage. They are shorted internally
14
OUT2A
Bridge output connection (2)
15
I0_2
Logic input of the internal DAC (2). The output voltage of the DAC is a
percentage of the VRef voltage applied according to the truth table of page 7
16
I1_2
See pin 15
18, 19
PWR_GND
Ground connection. They also conduct heat from die to printed circuit copper
20, 35
SENSE2, SENSE1
Negative input of the transconductance input amplifier (2, 1)
21
OUT2B
Bridge output connection and positive input of the tranconductance (2)
22
I1_3
See pin 15
23
I2_2
See pin 15
24
EA_OUT_2
Error amplifier output (2)
25
EA_IN_2
Negative input of error amplifier (2)
26, 28
VREF2, VREF1
Reference voltages for the internal DACs, determining the output current
value. Output current also depends on the logic inputs of the DAC and on
the sensing resistor value
27
SIG_GND
Signal ground connection
29
EA_IN_1
Negative input of error amplifier (1)
30
EA_OUT_1
Error amplifier output (1)
32
I2_1
See pin 3
33
I3_1
See pin 3
34
OUT1B
Bridge output connection and positive input of the tranconductance (1)
Note: The number in parenthesis shows the relevant Power Bridge of the circuit. Pins 18, 19, 1 and 36 are connected together.
L6258
3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com