Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223BRM-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8223BRM-R7
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223BRM-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8223BRM-R7 Datasheet HTML 1Page - Analog Devices AD8223BRM-R7 Datasheet HTML 2Page - Analog Devices AD8223BRM-R7 Datasheet HTML 3Page - Analog Devices AD8223BRM-R7 Datasheet HTML 4Page - Analog Devices AD8223BRM-R7 Datasheet HTML 5Page - Analog Devices AD8223BRM-R7 Datasheet HTML 6Page - Analog Devices AD8223BRM-R7 Datasheet HTML 7Page - Analog Devices AD8223BRM-R7 Datasheet HTML 8Page - Analog Devices AD8223BRM-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8223
Preliminary Technical Data
Rev.
PrA | Page 4 of 20
AD8223A
AD8223B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Settling Time to 0.01%
Step size = 3.5 V
G = 5
μs
G = 100
μs
G = 1000
μs
GAIN
G = 5 + (80 k/RG)
Gain Range
5
1000
5
1000
V/V
Gain Error1
VOUT = 0.05 V to 4.5 V
G = 5
0.03
0.15
0.03
0.1
%
G = 10
0.10
1
0.10
0.5
%
G = 100
0.10
1
0.10
0.5
%
G = 1000
0.10
1
0.10
0.5
%
Nonlinearity
VOUT = 0.05 V to 4.5 V
G = 5 to 1000
50
50
ppm
Gain vs. Temperature
G = 5
5
10
5
10
ppm/°C
G > 51
50
50
ppm/°C
INPUT
Input Impedance
Differential
2||2
2||2
GΩ||pF
Common-Mode
2||2
2||2
GΩ||pF
Input Voltage Range2
(−VS) −
0.15
(+VS) −
1.5
(−VS) −
0.15
(+VS) −
1.5
V
OUTPUT
Output Swing
RL = 10 kΩ to ground
+0.01
(+VS) −
0.5
+0.01
(+VS) −
0.5
V
RL = 100 kΩ to
ground
+0.01
(+VS) −
0.2
+0.01
(+VS) −
0.2
V
REFERENCE INPUT
RIN
60
±20%
60
±20%
kΩ
IIN
VIN+, VREF = 0
+50
+60
+50
+60
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Gain to Output
1 ±
0.0002
1 ±
0.0002
V
POWER SUPPLY
Operating Range
+3.0
+25
+3.0
+25
V
Quiescent Current
550
550
μA
TEMPERATURE RANGE
For Specified Performance
-40
+85
−40
+85
°C
1 Does not include effects of external resistor RG.
2 One input grounded. G = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com