Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223BRM-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8223BRM-R7
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223BRM-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8223BRM-R7 Datasheet HTML 1Page - Analog Devices AD8223BRM-R7 Datasheet HTML 2Page - Analog Devices AD8223BRM-R7 Datasheet HTML 3Page - Analog Devices AD8223BRM-R7 Datasheet HTML 4Page - Analog Devices AD8223BRM-R7 Datasheet HTML 5Page - Analog Devices AD8223BRM-R7 Datasheet HTML 6Page - Analog Devices AD8223BRM-R7 Datasheet HTML 7Page - Analog Devices AD8223BRM-R7 Datasheet HTML 8Page - Analog Devices AD8223BRM-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Technical Data
AD8223
Rev.
PrA | Page 3 of 20
SPECIFICATIONS
SINGLE SUPPLY
TA = 25°C, single supply, VS = +5 V, and RL = 10 kΩ, unless otherwise noted.
Table 1
AD8223A
AD8223B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
COMMON MODE REJECTION RATIO
DC to 60 Hz with 1 kΩ Source
Imbalance
VCM = 0 V to 3 V
G = 5
74
86
dB
G = 10
80
92
dB
G = 100
88
100
dB
G = 1000
88
100
dB
NOISE
Voltage Noise, 1 kHz
G = 5
50
50
nV/√Hz
G = 1000
30
30
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 5
3.0
3.0
μV p-p
G = 1000
1.5
1.5
μV p-p
Current Noise, 1 kHz
100
100
fA/√Hz
0.1 Hz to 10 Hz
1.5
1.5
pA p-p
VOLTAGE OFFSET
Total RTI Error =
VOSI + VOSO/G
Input Offset, VOSI
400
200
μV
Average TC
5
3
μV/°C
Output Offset, VOSO
1000
500
μV
Average TC
15
10
μV/°C
Offset Referred to Input vs.
Supply (PSR)
G = 5
80
90
dB
G = 10
86
96
dB
G = 100
90
100
dB
G = 1000
90
100
dB
INPUT CURRENT
Input Bias Current
17
25
17
25
nA
Over Temperature
27.5
27.5
nA
Average Temperature
Coefficient
25
25
pA/°C
Input Offset Current
0.25
2
0.25
2
nA
Over Temperature
2.5
2.5
nA
Average Temperature
Coefficient
5
5
pA/°C
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 5
200
200
kHz
G = 10
190
190
kHz
G = 100
75
75
kHz
G = 1000
8
8
kHz
Slew Rate
0.3
0.3
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com