Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6268 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6268
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6268 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6268 Datasheet HTML 7Page - STMicroelectronics L6268 Datasheet HTML 8Page - STMicroelectronics L6268 Datasheet HTML 9Page - STMicroelectronics L6268 Datasheet HTML 10Page - STMicroelectronics L6268 Datasheet HTML 11Page - STMicroelectronics L6268 Datasheet HTML 12Page - STMicroelectronics L6268 Datasheet HTML 13Page - STMicroelectronics L6268 Datasheet HTML 14Page - STMicroelectronics L6268 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
INTERNAL REGISTER DEFINITION
Reg:
Name:
Type:
Address:
5
FLL Coarse/Fine Counter Register
Write only
5Eh
BIT
LABEL
DESCRIPTION
0
F8
Bit 8 of Spindle FLL Fine Counter
1
F9
Bit 9 of Spindle FLL Fine Counter
2
F10
MSB of Spindle FLL Fine Counter
3
Unused. Set = 0
4
C0
LSB of Spindle FLL Coarse Counter
5
C1
Bit 1 of Spindle FLL Coarse Counter
6
C2
Bit 2 of Spindle FLL Coarse Counter
7
C3
Bit 3 of Spindle FLL Coarse Counter
Reg:
Name:
Type:
Address:
6
FLL Fine Counter Register
Write only
6Eh
BIT
LABEL
DESCRIPTION
0
F0
LSB of Spindle FLL Fine Counter
1
F1
Bit 1 of Spindle FLL Fine Counter
2
F2
Bit 2 of Spindle FLL Fine Counter
3
F3
Bit 3 of Spindle FLL Fine Counter
4
F4
Bit 4 of Spindle FLL Fine Counter
5
F5
Bit 5 of Spindle FLL Fine Counter
6
F6
Bit 6 of Spindle FLL Fine Counter
7
F7
Bit 7 of Spindle FLL Fine Counter
L6268
11/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com