Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6268 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6268
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6268 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6268 Datasheet HTML 9Page - STMicroelectronics L6268 Datasheet HTML 10Page - STMicroelectronics L6268 Datasheet HTML 11Page - STMicroelectronics L6268 Datasheet HTML 12Page - STMicroelectronics L6268 Datasheet HTML 13Page - STMicroelectronics L6268 Datasheet HTML 14Page - STMicroelectronics L6268 Datasheet HTML 15Page - STMicroelectronics L6268 Datasheet HTML 16Page - STMicroelectronics L6268 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
INTERNAL REGISTER DEFINITION
Reg:
Name:
Type:
Address:
9
System Control Register
Write only
9Eh
BIT
LABEL
DESCRIPTION
0
PKV_1
VCM Parking Voltage
1
PKV_2
VCM Parking Voltage
2
VR
1 = connects internal VR reference (2V) to level shift Opamp (for
Vcm calibration).
3
RT0 (*)
VCM Retract Time
4
DOUBLE
1 = Spindle Internal Start-Up Align and Energization time doubled.
5
VCM_EN
Enable VCM section. 1 = Enable, 0 = Disable.
6
RT1 (*)
VCM Retract Time
7
RETRACT
1= VCM retract
”PKV_1”
”PKV_2”
”PARKING VOLTAGE”
0
0
0.850V
0
1
0.650V
1
0
1.600V
1
1
1.150V
”RT0”
”RT1”
”RETRACT TIME”
0
0
320ms
0
1
640ms
1
0
160ms
1
1
320ms
(*) When program Retract Time (RT0 and RT1), Bit 2 REG#8Eh must be always written to 0.
L6268
13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com