Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7201AL Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # MS7201AL
Description  256 x 9, 512 x 9, 1K x 9 CMOS FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS7201AL Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  MS7201AL Datasheet HTML 1Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 2Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 3Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 4Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 5Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 6Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 7Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 8Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
MS7200L/7201AL/7202AL
MOSEL VITELIC
MS7200L/01AL/02AL Rev. 1.0 January 1995
AC Electrical Characteristics (over the commercial operating range)
Parameter
MS7200L-25
MS7201AL-25
MS7202AL-25
MS7200L-35
MS7201AL-35
MS7202AL-35
MS7200L-50
MS7201AL-50
MS7202AL-50
MS7200L-80
MS7201AL-80
MS7202AL-80
Name
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
ƒS
Shift Frequency
--
30
--
22.2
--
15
--
10
MHz
Read Cycle
tRC
Read Cycle Time
33
--
45
--
65
--
100
--
ns
tA
Access Time
--
25
--
35
--
50
--
80
ns
tRPW
Read Pulse Width
25
--
35
--
50
--
80
--
ns
tRR
Read Recovery Time
8
--
10
--
15
--
20
--
ns
tRLZ
(2)
Read Pulse Low to Data Bus at Low Z
5
--
5
--
10
--
10
--
ns
tRHZ
(2,3)
Read Pulse High to Data Bus at High Z
--
18
--
20
--
30
--
30
ns
tDV
Data Valid from Read Pulse High
5
--
5
--
5
--
5
--
ns
Write Cycle
tWC
Write Cycle Time
33
--
45
--
65
--
100
--
ns
tWPW
(1)
Write Pulse Width
25
--
35
--
50
--
80
--
ns
tWR
Write Recovery Time
8
--
10
--
15
--
20
--
ns
tDS
Data Setup Time
15
--
18
--
30
--
40
--
ns
tDH
Data Hold Time
0
--
0
--
5
--
10
--
ns
tWLZ
(2,3)
Write Pulse High to Data Bus at Low Z
5
--
10
--
15
--
20
--
ns
Flag Timing
t
REF
Read Low to Empty Flag Low
--
25
--
30
--
45
--
60
ns
tRHF
Read High to Half Full Flag High
--
33
--
45
--
65
--
100
ns
tRFF
Read High to Full Flag High
--
25
--
30
--
45
--
60
ns
tWEF
Write High to Empty Flag High
--
25
--
30
--
45
--
60
ns
tWFF
Write Low to Full Flag Low
--
25
--
30
--
45
--
60
ns
tWHF
Write Low to Half Full Flag Low
--
33
--
45
--
65
--
100
ns
tRPE
Read Pulse Width After EF High
25
--
35
--
50
--
80
--
ns
tWPF
Write Pulse Width After
FF High
25
--
35
--
50
--
80
--
ns
Reset Timing
tRSC
Reset Cycle Time
33
--
45
--
65
--
100
--
ns
tRS
(1)
Reset Pulse Width
25
--
35
--
50
--
80
--
ns
tRSS
Reset Set Up Time
25
--
35
--
50
--
80
--
ns
tRSR
Reset Recovery Time
8
--
10
--
15
--
20
--
ns
tEFL
Reset to Empty Flag Low
--
33
--
45
--
65
--
100
ns
tHFH
Reset to Half Full Flag High
--
33
--
45
--
65
--
100
ns
tFFH
Reset to Full Flag High
--
33
--
45
--
65
--
100
ns
Retransmit Timing
tRTC
Retransmit Cycle Time
33
--
45
--
65
--
100
--
ns
tRT
(1)
Retransmit Pulse Width
25
--
35
--
50
--
80
--
ns
tRTS
Retransmit Set up Time
25
--
35
--
50
--
80
--
ns
tRTR
Retransmit Recovery Time
8
--
10
--
15
--
20
--
ns
Expansion Timing
tXOL
Read/Write to
XO Low
--
25
--
35
--
50
--
80
ns
tXOH
Read/Write to
XO High
--
25
--
35
--
50
--
80
ns
tXI
XI Pulse Width
25
--
35
--
50
--
80
--
ns
tXIS
XI Set up Time
15
--
15
--
15
--
15
--
ns
tXIR
XI Recovery Time
8
--
10
--
10
--
10
--
ns
NOTES:
1.
Pulse widths less than minimum value are not allowed.
2.
Values guaranteed by design, not currently tested.
3.
Only applies to read data flow-through mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com