Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7201AL Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MS7201AL
Description  256 x 9, 512 x 9, 1K x 9 CMOS FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS7201AL Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MS7201AL Datasheet HTML 1Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 2Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 3Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 4Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 5Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 6Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 7Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 8Page - Mosel Vitelic, Corp MS7201AL Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
MS7200L/7201AL/7202AL
MOSEL VITELIC
MS7200L/01AL/02AL Rev. 1.0 January 1995
MS7200L/7201AL/7202AL
256 x 9, 512 x 9, 1K x 9
CMOS FIFO
Features
s First-In/First-Out static RAM based dual port
memory
s Three densities in a x9 configuration
s Low power versions
s Includes empty, full, and half full status flags
s Direct replacement for industry standard
Mostek and IDT
s Ultra high-speed 30 MHz FIFOs available with
33 ns cycle times.
s Fully expandable in both depth and width
s Simultaneous and asynchronous read and write
s Auto retransmit capability
s TTL compatible interface, single 5V ± 10%
power supply
s Available in 28 pin 300 mil and 600 mil plastic
DIP, 32 Pin PLCC and 330 mil SOG
Descriptions
The MS7200L/7201AL/7202AL are dual-port
static RAM based CMOS First-In/First-Out (FIFO)
memories organized in nine-bit wide words. The
devices are configured so that data is read out in
the same sequential order that it was written in.
Additional expansion logic is provided to allow for
unlimited expansion of both word size and depth.
The dual-port RAM array is internally sequenced
by independent Read and Write pointers with no
external addressing needed. Read and write
operations are fully asynchronous and may occur
simultaneously, even with the device operating at
full speed. Status flags are provided for full, empty,
and half-full conditions to eliminate data underflow
and overflow. The x9 architecture provides an
additional bit which may be used as a parity or
control bit. In addition, the devices offer a retransmit
capability which resets the Read pointer and allows
for retransmission from the beginning of the data.
The MS7200L/7201AL/7202AL are available in a
range of frequencies from 10 to 30 MHz (33 - 100 ns
cycle times). A low power version with a 500µA
power down supply current is available. They are
manufactured on Mosel-Vitelic’s high performance
1.2µ CMOS process and operate from a single 5V
power supply.
W
WRITE
CONTROL
WRITE
POINTER
READ
POINTER
READ
CONTROL
RESET
LOGIC
FLAG
LOGIC
EXPANSION
LOGIC
THREE
STATE
BUFFERS
DATA OUTPUTS (Q0-Q8)
DATA INPUTS (Q0-Q8)
R
XI
EF
HF
FF
XO
RS
FL / RT
RAM
ARRAY
256x9
512x9
1Kx9
Block Diagram
28-PIN PDIP
Pin Configurations
32-PIN PLCC
V
D6
D7
FL / RT
EF
XO / HF
CC
Q2
Q3
Q8
GND
Q1
Q0
FF
XI
D0
D1
D2
D3
D8
300 mil
600 mil
DIP
&
330 mil
SOG
W
Q6
Q5
Q4
R
Q7
RS
D5
D4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D
D
XI
FF
Q
Q
Q
D6
D7
NC
FL / RT
RS
EF
XO / HF
Q7
Q6
5
8
7
8
9
10
11
14
13
29
28
27
26
25
24
23
22
21
1
0
0
1
NC
2
14
D2
32 Pin PLCC
Top View
15 16 17 18 19 20
4
3
2
1 32 31 30


Similar Part No. - MS7201AL

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7201-A2 INTERSEMA-MS7201-A2 Datasheet
232Kb / 4P
PRESSURE SENSOR DIE (0-1 BAR) FOR HARSH ENVIRONMENT
More results

Similar Description - MS7201AL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
CMOS 512 x 9 FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
CMOS 1K X 9 FIFO
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com