Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC660E Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # SC660E
Description  SMBus System Clock Buffer for Mobile Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SC660E Datasheet(HTML) 2 Page - SpectraLinear Inc

  SC660E Datasheet HTML 1Page - SpectraLinear Inc SC660E Datasheet HTML 2Page - SpectraLinear Inc SC660E Datasheet HTML 3Page - SpectraLinear Inc SC660E Datasheet HTML 4Page - SpectraLinear Inc SC660E Datasheet HTML 5Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SC660E
Rev 1.0, December 06, 2006
Page 2 of 5
Maximum Ratings[1]
Input Voltage Relative to VSS:................................VSS-0.3V
Input Voltage Relative to VDDQ or AVDD: ........... VDD+0.3V
Storage Temperature: ................................. -65 C to + 150 C
Operating Temperature:.................................... 0 C to +85 C
Maximum Power Supply: ................................................ 3.5V
This device contains circuitry to protect the inputs against damage due to high static voltages or electric field; however, precau-
tions should be taken to avoid application of any voltage higher than the maximum rated voltages to this circuit. For proper
operation, Vin and Vout should be constrained to the range:
VSS<(Vin or Vout)<VDD
Unused inputs must always be tied to an appropriate logic voltage level (either VSS or VDD).
Note:
1. The voltage on any input or I/O pin cannot exceed the power pin during the power-up. Power supply sequencing is NOT required.
Pin Description
Pin No.
Name
PWR
I/O
Type
Description
9
FIN
-
I
PAD
This pin is connected to the input reference clock. This clock
must be in the range of 10.0 to 100.0 Mhz.
2,3,6,7,11,18,22,23
,26,27
Sdram(0:9)
VddB
O
BUF1
Low skew output clocks.
20
OE
-
I
PAD
Buffer Output Enable pin. This pin is low it is used to place
all output clocks (CLK1:10) in a tri state condition. This
feature facilitates in production board level testing to be
easily implemented for the clocks that this device produces.
Has internal pull-up resistor.
14
Sdata
Vdd
I/O
PAD
Serial Data for SMBus control interface. This pin receives
data streams from the SMBus bus and outputs an
acknowledge for valid data.
15
Sclock
Vdd
I
PAD
Serial Clock for SMBus control interface.
4, 8, 12, 16, 17, 21,
25
Vss
PWR
-
Ground pins for clock output buffers. These pins must be
returned to the same potential to reduce output clock skew.
1, 5, 10, 19, 24, 28
VddB
-
PWR
-
Power for output clock buffers.
13
Vdd
-
PWR
-
Pin for device core logic.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com