Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC660E Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # SC660E
Description  SMBus System Clock Buffer for Mobile Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SC660E Datasheet(HTML) 5 Page - SpectraLinear Inc

  SC660E Datasheet HTML 1Page - SpectraLinear Inc SC660E Datasheet HTML 2Page - SpectraLinear Inc SC660E Datasheet HTML 3Page - SpectraLinear Inc SC660E Datasheet HTML 4Page - SpectraLinear Inc SC660E Datasheet HTML 5Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev 1.0, December 06, 2006
Page 5 of 5
SC660E
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
Package Diagrams
Ordering Information
Part Number
Package Type
Product Flow
SC660EYB
28-pin SSOP
Commercial,–40 to 85 C
1.14 DIA.
1.14
1.14
10.00
PIN 1 ID.
10.40
0.65 BSC.
0.22
2.00
0.05
0.38
MAX.
0.21
1.65
0.25
0.55
1.85
0.95
GAUGE PLANE
SEATING PLANE
7.50
8.10
0° MIN.
0°-8°
.235 MIN.
DIMENSIONS IN MILLIMETERS MIN.
MAX.
1
14
15
28
0.10
5.00
5.60
1.25 REF.
28-Lead (5.3 mm) Shrunk Small Outline Package O28
51-85079-*C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com