Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC660EYB Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # SC660EYB
Description  SMBus System Clock Buffer for Mobile Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SC660EYB Datasheet(HTML) 3 Page - SpectraLinear Inc

  SC660EYB Datasheet HTML 1Page - SpectraLinear Inc SC660EYB Datasheet HTML 2Page - SpectraLinear Inc SC660EYB Datasheet HTML 3Page - SpectraLinear Inc SC660EYB Datasheet HTML 4Page - SpectraLinear Inc SC660EYB Datasheet HTML 5Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SC660E
Rev 1.0, December 06, 2006
Page 3 of 5
2-Wire SMBus Control Interface
The 2-wire control interface implements a write only slave
interface. The device cannot be read back. Sub-addressing is
not supported, thus all preceding bytes must be sent in order
to change one of the control bytes.
The 2-wire control
interface allows each clock output to be individually enabled
or disabled.
During normal data transfer, the SDATA signal only changes
when the SDCLK signal is low, and is stable when SDCLK is
high. There are two exceptions to this. A high to low transition
on SDATA while SDCLK is high is used to indicate the start of
a data transfer cycle. A low to high transition on SDATA while
SDCLK is high indicates the end of a data transfer cycle. Data
is always sent as complete 8-bit bytes, after which an
acknowledge is generated. The first byte of a transfer cycle is
a 7-bit address with a Read/Write bit as the LSB. Data is
transferred MSB first.
The device will respond to writes to 10 bytes (max) of data to
address D2 by generating the acknowledge (low) signal on the
SDATA wire following reception of each byte. The device will
not respond to any other control interface conditions. Previ-
ously set control registers are retained.
Serial Control Registers
Following the acknowledge of the Address Byte, two additional
bytes must be sent:
1. “Command Code “ byte, and
2. “Byte Count” byte.
Although the data (bits) in the command is considered “don’t
care”; it must be sent and will be acknowledged.
After the Command Code and the Byte Count have been
acknowledged, the sequence (Byte 0, Byte 1, and Byte 2)
described below will be valid and acknowledged.
Byte 0: Function Select Register (1 = enable, 0 = Stopped)
Bit
@Pup
Pin#
Description
7
1
-
reserved
6
1
-
reserved
5
1
-
reserved
4
1
-
reserved
3
1
7
SDRAM3 (Active = 1, Forced low = 0)
2
1
6
SDRAM2 (Active = 1, Forced low = 0)
1
1
3
SDRAM1 (Active = 1, Forced low = 0)
0
1
2
SDRAM0 (Active = 1, Forced low = 0)
Byte 1: Clock Register (1 = enable, 0 = Stopped)
Bit
@Pup
Pin#
Description
7
1
27
SDRAM9 (Active = 1, Forced low = 0)
6
1
26
SDRAM8 (Active = 1, Forced low = 0)
5
1
23
SDRAM7 (Active = 1, Forced low = 0)
4
1
22
SDRAM6 (Active = 1, Forced low = 0)
3
1
-
reserved
2
1
-
reserved
1
1
-
reserved
0
1
-
reserved
Byte 2: Clock Register ( 1 = enable, 0 = Stopped )
Bit
@Pup
Pin#
Description
71
18
SDRAM5 (Active = 1, Forced low = 0)
6
1
11
SDRAM4 (Active = 1, Forced low = 0)
50
-
Not Used
40
-
Not Used
30
-
Not Used
20
-
Not Used
11
-
Not Used
01
-
Not Used



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com