Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC660EYB Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # SC660EYB
Description  SMBus System Clock Buffer for Mobile Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SC660EYB Datasheet(HTML) 4 Page - SpectraLinear Inc

  SC660EYB Datasheet HTML 1Page - SpectraLinear Inc SC660EYB Datasheet HTML 2Page - SpectraLinear Inc SC660EYB Datasheet HTML 3Page - SpectraLinear Inc SC660EYB Datasheet HTML 4Page - SpectraLinear Inc SC660EYB Datasheet HTML 5Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SC660E
Rev 1.0, December 06, 2006
Page 4 of 5
Electrical Characteristics
Parameter
Description
Min.
Typ.
Max.
Units
Conditions
VIL
Input Low Voltage
-
-
0.8
Vdc
-
VIH
Input High Voltage
2.0
-
-
Vdc
-
IIL
Input Low Current
-66
-
-
µA
IIH
Input High Current
-
-
66
µA
VOL
Output Low Voltage
IOL = 40mA
-
-
0.4
Vdc
All Outputs (see buffer spec)
VOH
Output High Voltage
IOH = 30mA
2.4
-
-
Vdc
All Outputs Using 3.3V Power
(see buffer spec)
Ioz
Tri-State leakage Current
-
-
10
µA
Idd66
Dynamic Supply Current
-
-
160
mA
Input frequency = 66 Mhz - All outputs on
and at 30 pF load
Idd100
-
-
220
mA
Input frequency 100 Mhz - All outputs on
and at 30 pF load
Isdd
Static Supply Current
-
-
4
mA
All outputs disabled no input clock
ISC
Short Circuit Current
25
-
-
mA
1 output at a time - 30 seconds
TIR
Input Rise Time
2.4
-
-
nS
.8 to 2.4 volts
VDD = VDD1 thru VDD5 =3.3V 5%, , TA = -40ºC to +85ºC
Switching Characteristics
Parameter
Description
Min.
Typ.
Max.
Units
Conditions
Output Duty Cycle
45
50
55
%
Measured at 1.5V (50/50 in)
-
Buffer out/out Skew All Buffer
Outputs
-
-
250
pS
35 pF Load Measured at 1.5V
tSKEW
Buffer input to output Skew
2.0
4.0
5.0
nS
tSKEW
Jitter Cycle to Cycle [2]
50
pS
@ 35 pF loading
TJCC
Jitter Absolute (Peak to Peak)[2]
150
pS
@ 35 pF loading
VDD = VDD1 thru VDD5 =3.3V 5%, , TA = -40ºC to +85ºC
TB40_ Type Buffer Characteristics (All Clock Outputs)
Parameter
Description
Min.
Typ.
Max.
Units
Conditions
IOHmin
Pull-Up Current Min
30
-
39
mA
Vout = VDD - .5V
IOHmax
Pull-Up Current Max
75
-
109
mA
Vout = 1.5V
IOLmin
Pull-Down Current Min
30
-
40
mA
Vout = 0.4
IOLmax
Pull-Down Current Max
75
-
103
mA
Vout = 1.2V
Zo
Dynamic Output Impedance
8
-
15
Ohms
66 and 100 MHz
TRFmin
Rise/Fall Time Min
Between 0.4 V and 2.4 V
-
-
1.33
nS
30 pF Load
TRFmax
Rise/Fall Time Max
Between 0.4 V and 2.4 V
-
-
1.33
nS
30 pF Load
VDD = VDD1 thru VDD5 =3.3V 5%, , TA = -40ºC to +85ºC
Note:
2. This jitter is additive to the input clock’s jitter.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com