Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2000/1B Datasheet(PDF) 23 Page - Keysight Technologies

Part # U2000/1B
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1B Datasheet(HTML) 23 Page - Keysight Technologies

Back Button U2000/1B Datasheet HTML 18Page - Keysight Technologies U2000/1B Datasheet HTML 19Page - Keysight Technologies U2000/1B Datasheet HTML 20Page - Keysight Technologies U2000/1B Datasheet HTML 21Page - Keysight Technologies U2000/1B Datasheet HTML 22Page - Keysight Technologies U2000/1B Datasheet HTML 23Page - Keysight Technologies U2000/1B Datasheet HTML 24Page - Keysight Technologies U2000/1B Datasheet HTML 25Page - Keysight Technologies U2000/1B Datasheet HTML 26Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
System and Installation Requirements
PC operating system
Windows 8 and 7
Windows 8 32-bit and 64-bit (Core, Professional, Enterprise)
Windows 7 SP1 and later 32-bit and 64-bit (Professional, Enterprise, Ultimate)
Computer hardware
Professor: 1 GHz or faster (2 GHz or greater recommended)
RAM: 1 GB (32-bit) or 2 GB (64-bit) (3 GB or greater recommended)
Windows XP SP3 32-bit (Professional)
Processor: 600 MHz or faster (1 GHz or greater recommended)
RAM: 1 GB (2 GB or greater recommended)
Interfaces
USB, GPIB, LAN, RS-232
Display resolution
1024 x 768 minimum for single instrument view (higher resolutions are recommended for
multiple instrument view)
Additional requirements
Software: BenchVue requires a VISA (Keysight or National Instruments) when used to connect to physical instruments.
Keysight IO Libraries, which contains the necessary VISA, will be installed automatically when BenchVue is installed. IO
Libraries information is available at: www.keysight.com/find/iosuite
23 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com