Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2000/1B Datasheet(PDF) 16 Page - Keysight Technologies

Part # U2000/1B
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1B Datasheet(HTML) 16 Page - Keysight Technologies

Back Button U2000/1B Datasheet HTML 12Page - Keysight Technologies U2000/1B Datasheet HTML 13Page - Keysight Technologies U2000/1B Datasheet HTML 14Page - Keysight Technologies U2000/1B Datasheet HTML 15Page - Keysight Technologies U2000/1B Datasheet HTML 16Page - Keysight Technologies U2000/1B Datasheet HTML 17Page - Keysight Technologies U2000/1B Datasheet HTML 18Page - Keysight Technologies U2000/1B Datasheet HTML 19Page - Keysight Technologies U2000/1B Datasheet HTML 20Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Specifications (continued)
Calibration factor and
reflection coefficient
Calibration factor (CF) and reflection
coefficient (Rho) data is unique to
each sensor. The CF corrects for the
frequency response of the sensor.
The reflection coefficient (Rho or ρ)
relates to the SWR based on the
following formula:
SWR =
1 + ρ
1 – ρ
Maximum uncertainties of the CF
data are listed in the following table.
There is only one set of CF data used
for both high and low power paths of
each sensor.
The uncertainty analysis for the cali-
bration data was done in accordance
with the ISO Guide. The uncertainty
data reported on the calibration cer-
tificate is the expanded uncertainty
with a 95% confidence level and a
coverage factor of 2.
Frequency
Uncertainty (%) (25 °C ± 10 °C)
U2000A sensor
10 to 30 MHz
30 MHz to 2 GHz
2 to 14 GHz
14 to 16 GHz
16 to 18 GHz
1.8
1.6
2.0
2.2
2.2
U2001A sensor
10 to 30 MHz
30 MHz to 2 GHz
2 to 6 GHz
1.8
1.6
2.0
U2002A sensor
50 MHz to 2 GHz
2 to 14 GHz
14 to 16 GHz
16 to 18 GHz
18 to 24 GHz
2.0
2.5
2.7
2.7
3.0
U2004A sensor
9 kHz to 2 GHz
2 to 6 GHz
1.8
1.8
U2000B sensor
10 MHz to 2 GHz
2 to 12.4 GHz
12.4 to 18 GHz
1.8
2.0
2.2
U2001B sensor
10 MHz to 2 GHz
2 to 6 GHz
1.8
2.0
U2000H sensor
10 MHz to 8 GHz
8 to 12.4 GHz
12.4 to 18 GHz
2.0
2.0
2.2
U2001H sensor
10 MHz to 6 GHz
2.0
U2002H sensor
50 MHz to 8 GHz
8 to 12.4 GHz
12.4 to 18 GHz
18 to 24 GHz
2.5
2.5
2.7
3.0
16 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com