Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEW16 Datasheet(PDF) 1 Page - Pro-Power

Part # PEW16
Description  PEW16/32_sm Series Mains Plugs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PEW16 Datasheet(HTML) 1 Page - Pro-Power

  PEW16 Datasheet HTML 1Page - Pro-Power PEW16 Datasheet HTML 2Page - Pro-Power PEW16 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PEW16/32_sm Series
Mains Plugs
Page 1
23/06/06 V1.0
Features:
• In compliance with EN 60309-1 and EN 60309-2 standards.
• Enclosure, insert and locking ring in insulating, thermoplastic, self-
extinguishing material.
• Supplied with entry gland or hole can be drilled to suit.
• RAL 7035 grey enclosure, locking ring with gasket colour coded
according to the operating voltage, top entry with cable gland.
Dimensions : Millimetres


Similar Part No. - PEW16

ManufacturerPart #DatasheetDescription
logo
Pro-Power
PEW16 PROPOWER-PEW16 Datasheet
173Kb / 2P
PEW16/32_pv Series Mains Plugs
22/06/06 V1.0
PEW16 PROPOWER-PEW16 Datasheet
254Kb / 3P
PEW16/32_pp Series Mains Plugs
22/06/06 V1.0
PEW16/32_PP PROPOWER-PEW16/32_PP Datasheet
254Kb / 3P
PEW16/32_pp Series Mains Plugs
22/06/06 V1.0
PEW16/32_PV PROPOWER-PEW16/32_PV Datasheet
173Kb / 2P
PEW16/32_pv Series Mains Plugs
22/06/06 V1.0
logo
List of Unclassifed Man...
PEW16104PV ETC-PEW16104PV Datasheet
102Kb / 1P
PEW...PV coupler socket-outlets, low voltage from over 50V up to 690V
More results

Similar Description - PEW16

ManufacturerPart #DatasheetDescription
logo
ITT Industries
NE18 ITT-NE18 Datasheet
999Kb / 9P
Mains / Power Switches
logo
ECM Electronics Limited...
TCH-A ECM-TCH-A Datasheet
144Kb / 3P
Flat Mains Transformer
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
Mains switching Reed Sensor
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Amphenol Corporation
62GB56T1626SN AMPHENOL-62GB56T1626SN Datasheet
1Mb / 22P
62 GB- Series Plugs
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
MAINS INPUT FILTERS
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
C&K Components
NE18-2A-EE-SP CK-COMPONENTS-NE18-2A-EE-SP Datasheet
388Kb / 9P
NE-18 Series Mains / Power Switches
logo
Surge Components
C42-W SURGE-C42-W Datasheet
2Mb / 6P
For connection in series with the mains
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
Mains / Power Switches
22 Dec 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com