Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEW16 Datasheet(PDF) 2 Page - Pro-Power

Part # PEW16
Description  PEW16/32_sm Series Mains Plugs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PEW16 Datasheet(HTML) 2 Page - Pro-Power

  PEW16 Datasheet HTML 1Page - Pro-Power PEW16 Datasheet HTML 2Page - Pro-Power PEW16 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEW16/32_sm Series
Mains Plugs
Page 2
23/06/06 V1.0
Description
Part Number
Wall Mount Inlet 16A 240V
PEW1663SMB
Wall Mount Inlet 16A 415V
PEW1665SMB
Wall Mount Inlet 32A 240V
PEW3263SMA
Wall Mount Inlet 32A 415V
PEW3265SMA
Current
Rating
(A)
Poles
A
B
C
D
E
F
X
Y
Pg
∅
∅
Knockout
16
75
115
144
126
19
35
65
105
16
134
100
130
164
145
22
42
85
115
21
32
178
154
160
Part Number Table
2P +
3P +
3P +N +
2P +
3P +
3P +N +
Dimensions : Millimetres



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com