Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMC Datasheet(PDF) 1 Page - FCI connector

Part # CMC
Description  CMC sealed Full interconnect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

CMC Datasheet(HTML) 1 Page - FCI connector

  CMC Datasheet HTML 1Page - FCI connector CMC Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMC CONNECTORS
Number of ways
32 ways
48 ways
64 ways
112 ways
Sealing protection
IPx9K/IP68
IPx9K/IP68
IPx9K/IP68
IPx9K/IP68
Terminals
0.64 mm GTS-1
24
40
56
88
1.50 mm GTS-2
88
8
24
Temperature range
-40°C to +125°C
-40°C to +125°C
-40°C to +125°C
-40°C to +125°C
Terminal retention force
> 100 N
> 100 N
> 100 N
> 100 N
Terminal insertion force
< 10 N
< 10 N
< 10 N
< 10 N
Connector mating force
< 60 N
< 60 N
< 60 N
< 60 N
Number of
Female housings
44
3
1
mechanical coding
Technical characteristics
Pin headers
F670000 (blue)
17464807 (black)
F932300 (black)
1746B207M (black)
Black left lever
-
PPI0001494
PPI0001500
PPI0001487 (32 w)*
Black right lever
-
PPI0001495*
PPI0001501*
PPI0001488 (32 w)
Blue left lever
PPI0001492
--
-
Female housings
Blue right lever
PPI0001493*
--
-
Brown left lever
--
-
F765000 (48 w)*
Brown right lever
--
-
F865000 (48 w)
Grey left lever
-
--
PPI0001506 (32 w)
Grey right lever
-
--
PPI0001489 (32 w)*
Cover 32 ways
Black
PPI0001522*
--
PPI0001522*
Cover 48 ways
Black
-
F965000*
-
F965000*
Cover 64 ways
Black
--
PPI0001526*
-
Other color codings available, please consult us.
* Preferred parts
Part numbers
CMC sealed Full interconnect
32, 48, 64 & 112 ways
Features
CMC (Connecteur Modulaire pour
Calculateur) is one of the most
popular interfaces for Engine
Management Electronic Control
Units
Sealed connector for Electronic
Control Unit applications
Mat seal and circumferential
interface seal
Accepts reversible wire dress cover
Right or left mountable rotating lever
for mate assistance
Suitable for harsh environment
15 g sinus vibration resistant with
Tin terminals
1.5 Bar pressure proof sealing
Typical application: Powertrain
Electronic Control Units
32 ways
48 ways
64 ways
112 ways


Similar Part No. - CMC

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
CMC ADVANCEDENERGY-CMC Datasheet
877Kb / 7P
EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
10.20
logo
IDEM Safety Switches
CMC IDEM-SAFETY-CMC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
logo
CUI INC
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
logo
CUI Devices
CMC-2242PBL-A CUID-CMC-2242PBL-A Datasheet
992Kb / 4P
ELECTRET CONDENSER MICROPHONE
08/05/2022
logo
CUI INC
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
electret condenser microphone
More results

Similar Description - CMC

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0033-CMCSM XFMRS-XF0033-CMCSM Datasheet
39Kb / 1P
CMC
XF0114-CMCSM XFMRS-XF0114-CMCSM Datasheet
60Kb / 1P
CMC
logo
Molex Electronics Ltd.
0643191201 MOLEX7-0643191201 Datasheet
177Kb / 3P
CMC Wire Cap for 32 Circuits, CMC Receptacle Mat Sealed
0643211101 MOLEX7-0643211101 Datasheet
162Kb / 2P
CMC Wire Cap for 53 Circuits, CMC Receptacle Mat Sealed
0643201301 MOLEX7-0643201301 Datasheet
172Kb / 3P
CMC Wire Cap for 48 Circuits and 28 Circuits, CMC Receptacle Mat Sealed
logo
XFMRS Inc.
XF0114-CMCSM XFMRS-XF0114-CMCSM_15 Datasheet
40Kb / 1P
CMC
logo
Wurth Elektronik GmbH &...
750341636 WURTH-750341636 Datasheet
122Kb / 1P
CMC
logo
Molex Electronics Ltd.
0643191201 MOLEX1-0643191201_18 Datasheet
69Kb / 2P
CMC Wire Cap for 32 Circuits, CMC Receptacle Mat Sealed
0643201301 MOLEX1-0643201301_18 Datasheet
68Kb / 2P
CMC Wire Cap for 48 Circuits and 28 Circuits, CMC Receptacle Mat Sealed
0643211101 MOLEX1-0643211101_18 Datasheet
63Kb / 2P
CMC Wire Cap for 53 Circuits, CMC Receptacle Mat Sealed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com