Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMC Datasheet(PDF) 2 Page - FCI connector

Part # CMC
Description  CMC sealed Full interconnect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

CMC Datasheet(HTML) 2 Page - FCI connector

  CMC Datasheet HTML 1Page - FCI connector CMC Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMC TERMINALS & TOOLING
GTS Terminals
0.64 & 1.5 mm
Features
High performing one-piece terminal
Lanceless version compatible with mat seal
Temperature range -40 to +125°C
Dual spring design with pre-loaded beam
for enhanced contact force
Low mating - unmating force
Front protection of active beams
Performance characteristics
GTS 0.64 mm
GTS 1.5 mm
Wire size range
0.64 mm GTS-1
1.5 mm GTS-2
0.35 mm² equivalent to AWG 22
PPI0001619
-
0.5 mm² equivalent to AWG 20
PPI0000489
-
1.25-1.3 mm² equivalent to AWG 16
-
PPI0001483
1.4-2 mm² equivalent to AWG 14
-
PPI0001484
Female
terminals,
Tin plated
Part Numbers
Terminal size
0.64 mm GTS-1
1.5 mm GTS-2
Pitch
2.2 mm
3.5 mm
Contact resistance
< 5 m
Ω
< 4 m
Ω
Contact mating force
< 5 N
< 6 N
Contact unmating force
< 3 N
< 4 N
Terminal Tooling
CMC Tooling
0.64 mm GTS-1
1.5 mm GTS-2
Terminal extraction tool
PPI0001590
PPI0001592
Dummy plug insertion tool
PPI0001571
PPI0001572
Hand Crimping tool
CSV10
CSV10
Crimping die
GTS0641M
GTS1502M (for 1.25-1.3 mm²)
GTS1503M (for 1.4-2 mm²)
0.64 mm GTS-1
1.5 mm GTS-2
Dummy plug
PPI0001485
PPI0001486
Cover removal tool
C392000
For more information on FCI sales offices, headquarters, please consult our website : www.fciconnect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com