Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6287 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6287
Description  POWER COMBO DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6287 Datasheet(HTML) 2 Page - STMicroelectronics

  L6287 Datasheet HTML 1Page - STMicroelectronics L6287 Datasheet HTML 2Page - STMicroelectronics L6287 Datasheet HTML 3Page - STMicroelectronics L6287 Datasheet HTML 4Page - STMicroelectronics L6287 Datasheet HTML 5Page - STMicroelectronics L6287 Datasheet HTML 6Page - STMicroelectronics L6287 Datasheet HTML 7Page - STMicroelectronics L6287 Datasheet HTML 8Page - STMicroelectronics L6287 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Drum Supply Voltage
20
V (**)
VDC
Capstan Supply Voltage
20
V (**)
VDL
Loading Supply Voltage
20
V (**)
UPPER POWER
VDS MAX
Motor Output to Ground Voltage
20
V(***)
LOWERPOWER
VDS MAX
Motor Output to Supply Voltage
20
V (***)
VCC
Logic Supply Voltage
7
V
VS
Special Supply Voltage
7
V
Ip1
Loading Motor Peak Current (Ton =1
µs Duty Cycle = 2%)
1.6
A
Ipd
Drum Motor Peak Current (Ton =1
µs Duty Cycle = 2%)
1.4
A
Ipc
Capstan Motor Peak Current (Ton =1
µs Duty Cycle = 2%)
1.8
A
Vil
Logic Input Low State Voltage
-0.1
V
Vih
Logic Input High StateVoltage
7
V
Vtherm
Open Drain Maximum Voltage
7
V
Vheat
Open Drain Maximum Voltage
20
V (**)
(**)
Not operative - STANDBY condition
(***) Each motor driver
PINS CONNECTION
THERMAL DATA
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal Resistance Junction to Ambient
48
°C/W
R th j-pins
Thermal Resistance Junction to Pin
15
°C/W
Note: Batwing pin.
L6287
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com