Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6287 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6287
Description  POWER COMBO DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6287 Datasheet(HTML) 6 Page - STMicroelectronics

  L6287 Datasheet HTML 1Page - STMicroelectronics L6287 Datasheet HTML 2Page - STMicroelectronics L6287 Datasheet HTML 3Page - STMicroelectronics L6287 Datasheet HTML 4Page - STMicroelectronics L6287 Datasheet HTML 5Page - STMicroelectronics L6287 Datasheet HTML 6Page - STMicroelectronics L6287 Datasheet HTML 7Page - STMicroelectronics L6287 Datasheet HTML 8Page - STMicroelectronics L6287 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
DRUM TACHO CONVERTER
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iod
Open Loop Output Current
Vod = 1V; Ioc = 100
µA (Note 1)
30
60
mA
Iot
Full Light Current Range
0.5
3
mA
Ioc
Sink Current
Vor =0;Iod = 0
0.2
0.5
µA
Iot vs Ior
Mismatch
5
10
%
Vref
Opto Resistor Reference
Voltage
VS = 4.75V
3.36
3.72
V
VS = 5V
3.54
3.91
V
VS = 5.25V
3.72
4.11
V
VOC
Open Loop Opto Capacitor
Voltage
VOD = 1V see Fig. 1
VS = 4.75V
VS =5V
VS = 5.25V
2.75
V
Vthr1
Clock Threshold Voltage
VS = 4.75V
2.19
2.42
V
VS = 5V
2.30
2.54
V
VS = 5.25V
2.42
2.67
V
Vthr2
Reset Threshold Voltage
VS = 4.75V
0.30
0.33
V
VS = 5V
0.32
0.35
V
VS = 5.25V
0.33
0.37
V
tpud
µP Syncro Pulse Duration
1
3
µs
Ipud1
Open Drain Sink Current
VO = 0.4V
5
mA
Note 1: The suggested Copt external capacitor value is 5
µF(±5%)
HALL COMPARATOR
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vin
Input Voltage Range
0.5
2.7
V
Ib
Input Bias Current
1
µA
Vof
Input Offset Voltage
8
mV
Vhy
Switchable Hysteresys
Vref = 1.5V;
10
40
mV
THERMAL PROTECTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Itherm
Open Drain Sink Current
Vout = 0.4V (see note 1)
5
mA
Ts
Shutdown Temperature
155
170
185
oC
Tsdh
Shutdown Hysteresis
60
oC
Tal1
Early Warning Temperature
Ts -40
oC
Tal2
Last Warning Temperature
(see note 2)
Ts -20
°C
NOTE 1: Therm output stage is on in the normal temperature range
NOTE 2: In the Tal-Tll temperature range therm signal follows the inverted Fstart signal. After Tll temperature this output is always in high
impedance. If thermal shutdown is reached this pin will remain in this state un til the shutdown hysteresys will be recovered.
HEATER
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Rdsheat
Heater RDSon
3
ohm
Vheat
Heater Voltage
18
V
L6287
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com