Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

548 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 548
Description  HANDLES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

548 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  548 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CUSTOM HANDLES
Keystone is fully integrated to meet your total design and production needs. Our specialty is manufacturing
custom designs and modifications of standard items. Forward your CAD drawing or print to our Engineering
Department for a quote on your specific production requirements or visit our “Part Builder” at www.keyelco.com
CARRYING HANDLES
86
OVAL INSTRUMENTATION HANDLES
MATERIAL:
Aluminum: QQ-A-200, Alloy 6061-T6, Black Anodized per MIL-A-8625
ALUMINUM
A
B
D
CAT. NO.
MTG. CTRS.
HEIGHT
DEPTH
7186
4.000
(101.6)
1.750
(44.5)
544
4.000
(101.6)
2.000
(50.8)
540
4.500
(114.3)
1.750
(44.5)
545
4.500
(114.3)
2.000
(50.8)
.500 (12.7)
541
5.000
(127.0)
1.750
(44.5)
546
5.000
(127.0)
2.000
(50.8)
542
5.500
(139.7)
1.750
(44.5)
547
5.500
(139.7)
2.000
(50.8)
7187
6.000
(152.4)
1.375
(34.9)
.375 (9.5)
543
6.000
(152.4)
1.750
(44.5)
548
6.000
(152.4)
2.000
(50.8)
.500 (12.7)
7188
6.437
(163.5)
1.750
(44.5)
10-32
THREAD
.500 (12.7)
RADIUS
B
D
.625
[15.9]
.281
[7.2]
A
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
CAT. NO.
COLOR
8356
BLACK
This retractable handle is manufactured with black leather-like material and Nickel
Plated steel hardware. Handle folds flat when not in use. Mounts with #6 screws (not
supplied).
Folds flat on case when not in use. Mounts with rivets or #6 screws (not supplied).
CAT. NO. 7196
CAT. NO.
LENGTH
A
8351
4.500 (114.3) 6.000 (152.4)
8352
5.500 (139.7) 7.000 (177.8)
8353
6.000 (152.4) 7.500 (190.5)
.156 [4.0]
DIA. (4) PLS
1.375 [35.0]
1.375 [35.0]
5.687 [144.5]
1.850 [47.0]
REF.
2.562 [65.1]
REF.
4.968 [126.2]
3.562 [90.5]
4.000 [101.6]
.500 [12.7] MIN.
.593 [15.1]
1.062 [27.0]
.875 [22.3]
10-32 THREAD
(2) PLS
MATERIAL
: Zinc, Satin Brushed, Nickel Plate
MATERIAL
:
Grip: Polypropylene, Black
Post: Steel, Nickel Plate
Pin: Steel, Nickel Plate
LENGTH
A
.250 [6.4]
(2) PLS
.562 [14.3]
.281 [7.2]
.156 [4.0] DIA. (6) PLS
M60Section5FREV2-color 4/4/13 5:14PM Page86


Similar Part No. - 548

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5480-19C ALPHAWIRE-5480-19C Datasheet
411Kb / 4P
24 (7/32) AWG Tinned Copper
5480-50C ALPHAWIRE-5480-50C Datasheet
414Kb / 5P
24 (7/32) AWG Tinned Copper
5480/15C ALPHAWIRE-5480/15C Datasheet
98Kb / 4P
Customer Specification
12/5/2022
5480/25C ALPHAWIRE-5480/25C Datasheet
93Kb / 4P
Customer Specification
1/11/2023
5480/50C ALPHAWIRE-5480/50C Datasheet
414Kb / 5P
24 (7/32) AWG Tinned Copper
More results

Similar Description - 548

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7536M SANYO-LC7536M Datasheet
107Kb / 10P
Serially Controlled Electronic Volume Control that Handles High Voltages
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C_14 Datasheet
706Kb / 59P
Handles Retransmission of Frames on Contention and Errors
logo
Texas Instruments
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
logo
PHOENIX CONTACT
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
The tools feature ergonomic two-component safety handles
CUTFOX-SE-LM PHOENIX-CUTFOX-SE-LM Datasheet
43Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-PC-VDE-DB PHOENIX-UNIFOX-PC-VDE-DB Datasheet
53Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-PE-VDE PHOENIX-UNIFOX-PE-VDE Datasheet
48Kb / 2P
The tools feature ergonomic two-component safety handles
logo
Omron Electronics LLC
3S4YR-MMX OMRON-3S4YR-MMX Datasheet
1Mb / 6P
Reliable Reader/Writer Handles Magnetic Cards
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com