Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7C Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1069-7C
Description  Linear Phase 8th Order Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7C Datasheet(HTML) 3 Page - Analog Devices

  LTC1069-7C Datasheet HTML 1Page - Analog Devices LTC1069-7C Datasheet HTML 2Page - Analog Devices LTC1069-7C Datasheet HTML 3Page - Analog Devices LTC1069-7C Datasheet HTML 4Page - Analog Devices LTC1069-7C Datasheet HTML 5Page - Analog Devices LTC1069-7C Datasheet HTML 6Page - Analog Devices LTC1069-7C Datasheet HTML 7Page - Analog Devices LTC1069-7C Datasheet HTML 8Page - Analog Devices LTC1069-7C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LTC1069-7
3
10697fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Phase Deviation = 1/2(Phase at 0Hz – Phase at fCUTOFF) – (Phase
at 0Hz – Phase at 0.5fCUTOFF)
Phase at 0Hz = 180° (guaranteed by design)
ELECTRICAL CHARACTERISTICS The l denotes specifications which apply over the full operating
temperature range. fCUTOFF is the filter’s cutoff frequency and is equal to fCLK/25. The fCLK signal level is TTL or CMOS (max clock rise
or fall time ≤ 1μs), RL = 10k, TA = 25°C, unless otherwise specified. All AC gains are measured relative to the passband gain.
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain at 1.5fCUTOFF
VS = ± 5V, fCLK = 2.5MHz
fTEST = 150kHz, VIN = 1VRMS
–19
–16.5
–14
dB
dB
VS = 4.75V, fCLK = 500kHz
fTEST = 30kHz, VIN = 0.5VRMS
–20
–18.1
–17
dB
dB
Gain at 2.0fCUTOFF
VS = ± 5V, fCLK = 2.5MHz
fTEST = 200kHz, VIN = 1VRMS
–55
–43
–38
dB
dB
VS = 4.75V, fCLK = 500kHz
fTEST = 40kHz, VIN = 0.5VRMS
–48
–41
–39
dB
dB
Gain at 5.0fCUTOFF
VS = 4.75V, fCLK = 500kHz
fTEST = 100kHz, VIN = 0.5VRMS
–70
–59
–55
dB
Gain at fCUTOFF (160kHz)
VS = ±5V, fCLK = 4MHz
fTEST = 160kHz, VIN = 1VRMS
–2.1
dB
Phase at 0.5fCUTOFF
VS = ±5V, fCLK = 2.5MHz
fTEST = 50kHz
–35
–30.5
–25
Deg
Phase at fCUTOFF
VS = ±5V, fCLK = 2.5MHz
fTEST = 100kHz
–240
–235
–230
Deg
Passband Phase Deviation from
Linear Phase (Note 1)
VS = ±5V, fCLK = 500kHz
–3.0
Deg
Output DC Offset (Input at GND)
VS = ±5V, fCLK = 500kHz
VS = 4.75V, fCLK = 400kHz
50
25
125
mV
mV
Output Voltage Swing
VS = ±5V, ISOURCE/ISINK ≤ 1mA, RL = 10k
VS = 4.75V, ISOURCE/ISINK ≤ 1mA, RL = 10k
l
l
±3.5
2.6
±4.0
3.6
V
VP-P
Power Supply Current
VS = ± 5V, fCLK = 500kHz
l
18
26
29
mA
mA
VS = 4.75V, fCLK = 400kHz
l
13
15
16.5
mA
mA
Example: An LTC1069-7 has Phase at 0.5fCUTOFF = – 30.5° and Phase at
fCUTOFF = –235°.
Passband Phase Deviation from Linear Phase
= 1/2[180° – (–235°)] – [(180° – (–30.5°)] = –3°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com