Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7C Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1069-7C
Description  Linear Phase 8th Order Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7C Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1069-7C Datasheet HTML 2Page - Analog Devices LTC1069-7C Datasheet HTML 3Page - Analog Devices LTC1069-7C Datasheet HTML 4Page - Analog Devices LTC1069-7C Datasheet HTML 5Page - Analog Devices LTC1069-7C Datasheet HTML 6Page - Analog Devices LTC1069-7C Datasheet HTML 7Page - Analog Devices LTC1069-7C Datasheet HTML 8Page - Analog Devices LTC1069-7C Datasheet HTML 9Page - Analog Devices LTC1069-7C Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LTC1069-7
6
10697fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Swing
vs Temperature
Supply Current
vs Supply Voltage
Supply Current
vs Clock Frequency
PIN FUNCTIONS
AGND (Pin 1): Analog Ground. The quality of the analog
signal ground can affect the filter performance. For either
single or dual supply operation, an analog ground plane
surrounding the package is recommended. The analog
ground plane should be connected to any digital ground
at a single point. For dual supply operation, Pin 1 should
be connected to the analog ground plane.
For single supply operation, Pin 1 should be bypassed
to the analog ground plane with a capacitor 0.47μF or
larger. An internal resistive divider biases Pin 1 to half the
total power supply. Pin 1 should be buffered if used to
bias other ICs. Figure 1 shows the connections for single
supply operation.
V+, V – (Pins 2, 7):
Power Supplies. The V+ (Pin 2) and
V– (Pin 7) should be bypassed with a 0.1μF capacitor to
an adequate analog ground. The filter’s power supplies
should be isolated from other digital or high voltage analog
supplies. A low noise linear supply is recommended. Using
switching power supplies will lower the signal-to-noise
ratio of the filter. Unlike previous monolithic filters, the
power supplies can be applied in any order, that is, the
positive supply can be applied before the negative supply
and vice versa. Figure 2 shows the connections for dual
supply operation.
NC (Pins 3, 6):
No Connection. Pins 3 and 6 are not
connected to any internal circuitry; they should be tied
to ground.
VIN (Pin 4): Filter Input. The filter input pin is internally
connected to the inverting inputs of two op amps through
a 36k resistor for each op amp. This parallel combination
creates an 18k input impedance.
TEMPERATURE (°C)
–40
–4.7
–4.5
4.2
0
40
60
1069-7 G18
–4.6
4.1
4.0
–20
20
80
100
VS = ±5V
fCLK = 2.5MHz
fCUTOFF = 100kHz
RL = 10k
ISOURCE/ISINK = 1mA
SUPPLY VOLTAGE (±V)
0
12
1069-7 G19
36
25
20
15
10
5
0
45
85°C
–40°C
25°C
fCLK = 10Hz
CLOCK FREQUENCY (MHz)
0.25
1.25
2.25
3.25
4.25
5.25
1069-7 G20
22
21
20
19
18
17
16
15
14
13
12
11
10
VS = ±5V
VS = 5V
1069-7 F01
1k
V+
LTC1069-7
CLOCK
SOURCE
0.47μF
0.1μF
ANALOG GROUND
PLANE
8
7
6
5
1
2
3
4
STAR
SYSTEM
GROUND
DIGITAL
GROUND
PLANE
AGND
V+
NC
VIN
VOUT
V–
NC
CLK
VOUT
VIN
Figure 1. Connections for Single Supply Operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com