Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1065CSW Datasheet(PDF) 5 Page - Analog Devices

Part # LTC1065CSW
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065CSW Datasheet(HTML) 5 Page - Analog Devices

  LTC1065CSW Datasheet HTML 1Page - Analog Devices LTC1065CSW Datasheet HTML 2Page - Analog Devices LTC1065CSW Datasheet HTML 3Page - Analog Devices LTC1065CSW Datasheet HTML 4Page - Analog Devices LTC1065CSW Datasheet HTML 5Page - Analog Devices LTC1065CSW Datasheet HTML 6Page - Analog Devices LTC1065CSW Datasheet HTML 7Page - Analog Devices LTC1065CSW Datasheet HTML 8Page - Analog Devices LTC1065CSW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1065
1065fb
TOTAL POWER SUPPLY VOLTAGE (V)
0
15
12
9
6
3
0
16
1065 G15
4
8
12
20
6
10
14
18
2
–40
°C
85
°C
25
°C
INPUT FREQUENCY (kHz)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
4
812
16
1065 G14
20
24
26
10
14
18
22
VS = ± 7.5V
VIN = 1VRMS
fC = 20kHz
fCLK = 2MHz
INPUT FREQUENCY (Hz)
100
1
0
–1
–2
–3
–4
–5
–6
1k
10k
100k
1065 G13
40
0
–40
–80
–120
–160
–200
–240
±2.5V ≤ VS ≤ ±7.5V, TA = 25°C
B
A
A
B
PHASE
PHASE
fC=1kHz
fCLK=100kHz
fC=10kHz
fCLK=1MHz
INPUT (VRMS)
0.1
0.001
15
1065 G11
0.01
0.1
1
A
B
fIN = 1kHz
TA = 25°C
A. fC = 10kHz, fCLK = 1MHz
B. fC = 20kHz, fCLK = 2MHz
FREQUENCY (kHz)
1
0.001
0.01
0.1
1
10
1065 G12
5
VIN = 2.5VRMS, S/N = 90dB
fC = 10kHz, fCLK = 1MHz
TA = 25°C
FREQUENCY (kHz)
1
0.001
0.01
0.1
1
10
1065 G10
5
VIN = 1.5VRMS
fC = 10kHz, fCLK = 1MHz
TA = 25°C
INPUT (VRMS)
0.1
0.001
15
1065 G09
0.01
0.1
1
A
B
fIN = 1kHz, TA = 25°C
A. fC = 10kHz, fCLK = 1MHz
B. fC = 20kHz, fCLK = 2MHz
FREQUENCY (kHz)
1
0.001
0.01
0.1
1
2
1065 G08
3
4
5
VIN = 0.75VRMS, S/N = 80dB
fC = 5kHz, fCLK = 500kHz
TA = 25°C
INPUT (VRMS)
0.1
0.001
15
1065 G07
0.01
0.1
1
A
B
fIN = 1kHz, TA = 25°C
A. fC = 5kHz, fCLK = 0.5MHz
B. fC = 10kHz, fCLK = 1MHz
Passband Gain and Phase
vs Input Frequency
Power Supply Current vs
Power Supply Voltage
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
THD + Noise vs Input Voltage;
VS = Single 5V, AGND = 2V
THD vs Frequency;
VS = Single 5V, AGND = 2V
THD + Noise vs Input Voltage;
VS = ±7.5V
THD vs Frequency; VS = ±5V
Typical Phase Matching
Device to Device
THD vs Frequency;
VS = ±7.5V
THD + Noise vs Input Voltage;
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com