Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1065CSW Datasheet(PDF) 16 Page - Analog Devices

Part # LTC1065CSW
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065CSW Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC1065CSW Datasheet HTML 8Page - Analog Devices LTC1065CSW Datasheet HTML 9Page - Analog Devices LTC1065CSW Datasheet HTML 10Page - Analog Devices LTC1065CSW Datasheet HTML 11Page - Analog Devices LTC1065CSW Datasheet HTML 12Page - Analog Devices LTC1065CSW Datasheet HTML 13Page - Analog Devices LTC1065CSW Datasheet HTML 14Page - Analog Devices LTC1065CSW Datasheet HTML 15Page - Analog Devices LTC1065CSW Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1065
1065fb
TYPICAL APPLICATIO S
VIN
5V
13k
5V
0.1
µF
VOUT
1065 TA04
0.1
µF
200pF
1
2
3
4
8
7
6
5
LTC1065
4.53k
+
4.99k
1
µF
TANT
VIN
V–
–7.5V
V+
7.5V
0.1
µF
1
2
3
4
8
7
6
5
LTC1065
fCLK
0.1
µF
7.5V
1
µF
TANT
+
1065 TA05
VOUT
10k
≅2.5mV
LT1009
10k
*
* OPTIONAL, 1N4148
Adjusting VOS(OUT) for
±7.5 Supply Operation
Single 5V Supply Operation (fC = 3.4kHz)
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1063
Clock Tunable, 5th Order Bessel Low Pass
Internal or External Clock, 1mVDC Offset, Cascadable
LTC1064-1/2/3/4/7
Clock Tunable, 8th Order Low Pass
Elliptic, Butterworth, Bessel, Cauer or Linear Phase
LTC1164-5/6/7
Clock Tunable, Low Power, 8th Order Low Pass
Butterworth, Bessel or Elliptic, FO Max = 20KHz
LTC1264-7
Clock Tunable, 8th Order Low Pass
Flat Group Delay, FO Max = 200KHz, Steeper Roll-Off than Bessel
LTC1569-6/7
Clock Tunable, 10th Order Low Pass
Internal or External Clock, Root Raised Cosine Response
© LINEAR TECHNOLOGY CORPORATION 1993
LT/LT 0705 REV B • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com