Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL2126CS Datasheet HTML 1Page - Intersil Corporation EL2126CS Datasheet HTML 2Page - Intersil Corporation EL2126CS Datasheet HTML 3Page - Intersil Corporation EL2126CS Datasheet HTML 4Page - Intersil Corporation EL2126CS Datasheet HTML 5Page - Intersil Corporation EL2126CS Datasheet HTML 6Page - Intersil Corporation EL2126CS Datasheet HTML 7Page - Intersil Corporation EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN7046.4
May 2, 2007
VN
Voltage Noise Spectral Density
1.4
nV/
√Hz
IN
Current Noise Spectral Density
1.1
pA/
√Hz
HD2
2nd Harmonic Distortion (Note 6)
-72
dBc
HD3
3rd Harmonic Distortion (Note 6)
-73
dBc
NOTES:
4. Measured by moving the supplies from ±13.5V to ±16.5V
5. Pulse test only and using a 10
Ω load
6. Frequency = 1MHz, VOUT = 2VP-P, into 500Ω and 5pF load
Electrical Specifications
VS+ = +15V, VS- = -15V, TA = 25°C, RF = 180Ω, RG = 20Ω, RL = 500Ω unless otherwise specified. (Continued)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Typical Performance Curves
FIGURE 1. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 2. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 3. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 4. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
10
6
2
-2
-6
-10
1M
10M
100M
FREQUENCY (Hz)
RF = 1kΩ
RF = 500Ω
RF = 180Ω
RF = 100Ω
VS = ±5V
AV = 10
CL = 5pF
RL = 500Ω
10
6
2
-2
-6
-10
1M
10M
100M
FREQUENCY (Hz)
RF = 1kΩ
RF = 500Ω
RF = 180Ω
RF = 100Ω
VS = ±15V
AV = 10
CL = 5pF
RL = 500Ω
8
4
0
-4
-8
-12
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
AV = -10
CL = 5pF
RL = 500Ω
RF = 1kΩ
RF = 350Ω
RF = 100Ω
RF = 200Ω
RF = 500Ω
8
4
0
-4
-8
-12
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
AV = -10
CL = 5pF
RL = 500Ω
RF = 1kΩ
RF = 500Ω
RF = 200Ω
RF = 100Ω
RF = 350Ω
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com