Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2126CS Datasheet HTML 5Page - Intersil Corporation EL2126CS Datasheet HTML 6Page - Intersil Corporation EL2126CS Datasheet HTML 7Page - Intersil Corporation EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation EL2126CS Datasheet HTML 10Page - Intersil Corporation EL2126CS Datasheet HTML 11Page - Intersil Corporation EL2126CS Datasheet HTML 12Page - Intersil Corporation EL2126CS Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN7046.4
May 2, 2007
FIGURE 23. 1MHz HARMONIC DISTORTION vs OUTPUT
SWING
FIGURE 24. 1MHz HARMONIC DISTORTION vs OUTPUT
SWING
FIGURE 25. TOTAL HARMONIC DISTORTION vs FREQUENCY
FIGURE 26. NOISE vs FREQUENCY
FIGURE 27. SETTLING TIME vs ACCURACY
FIGURE 28. GROUP DELAY vs FREQUENCY
Typical Performance Curves (Continued)
-40
-50
-60
-80
-90
-100
012345
78
VOUT (VP-P)
6
-70
2nd HD
VS = ±5V
VO = 2VP-P
RF = 180Ω
AV = 10
RL = 500Ω
3rd HD
-30
-40
-60
-80
-90
-100
0
5
10
15
20
25
VOUT (VP-P)
-70
-50
3rd HD
2nd HD
VS = ±5V
VO = 2VP-P
RF = 180Ω
AV = 10
RL = 500Ω
-20
-50
-80
-90
1k
10k
100M
FREQUENCY (Hz)
VS = ±5V
VO = 2VP-P
100k
1M
10M
-30
-40
-70
-60
10
1
10
100
10k
100k
FREQUENCY (Hz)
1k
IN, VS = ±5V
VN, VS = ±15V
IN, VS = ±15V
VN, VS = ±5V
70
40
20
0
0.1
1.0
10.0
ACCURACY (%)
30
50
V
S
= ±5V
, V
O
= 5V
P-P
V
S
= ±15
V, V
O
= 5V
P-P
V
S
= ±15V
, V
O
= 2V
P-P
V
S
= ±5
V, V
O
= 2V
P-P
60
10
16
8
0
-4
1M
10M
100M
400M
FREQUENCY (Hz)
4
12
VS = ±5V
RL = 500Ω
AV = 10
AV = -10
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com