Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN03W8 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN03W8
Description  3W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN03W8 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  SCWN03W8 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
File Name:SCWN03W8,DCWN03W8-SPEC 2025-07-17
‧All dimensions in mm(inch)
‧Tolerance:x.x±0.5mm(x.xx±0.02")
x.xx±0.25mm(x.xxx±0.010")
‧Pin size is:0.5±0.05mm (0.02"±0.002")
Pin Assignment
3W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
SCWN03W8 & DCWN03W8 series
Pin-Out
Pin No.
2,3
1
9
11
14
16
22,23
* N.P. : No Pin for standard model, the pin available when R.C is selected
-Vin
-Vin
N.P.
N.P.
(Remote ON/OFF by request) (Remote ON/OFF by request)
Common
N.C.
-Vout
N.C.
+Vout
+Vout
Common
-Vout
+Vin
+Vin
SCWN03W8
(Single output)
DCWN03W8
(Dual output)
Mechanical Specification
16
9
23
2
1
22
14
3
11
Bottom View
Side View
15.24(0.6)
2.53(0.1)
3.8(0.15)
10.2(0.4)
20.3(0.8)
0.5(0.02")
Per Grid: 2.54mm
2
1
23
3
22
Top View
9
16
11
14
ψ0.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com