Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN03W8 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN03W8
Description  3W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN03W8 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SCWN03W8 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. SCWN03W8 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SCWN03W8-03
SCWN03W8-05
SCWN03W8-12
SCWN03W8-15
DCWN03W8-05
DCWN03W8-12
DCWN03W8-15
Nominal
12V, 24V,36V,48V,72V
(9 ~ 75V)
3.3V
5V
12V
15V
±5V
±12V
±15V
56mA
79mA
75mA
76mA
80mA
75mA
78mA
5mA
5mA
7mA
8mA
7mA
9mA
10mA
600mA
600mA
250mA
200mA
±300mA
±125mA
±100mA
74%
80%
84%
83%
79%
84%
81%
600μF
600μF
250μF
200μF
*300μF
*250μF
*200μF
EFFICIENCY
(TYP.)
* For each output
3W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
SCWN03W8 & DCWN03W8 series
File Name:SCWN03W8,DCWN03W8-SPEC 2025-07-17



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com