Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC014 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC014 Datasheet HTML 8Page - National Semiconductor (TI) CLC014 Datasheet HTML 9Page - National Semiconductor (TI) CLC014 Datasheet HTML 10Page - National Semiconductor (TI) CLC014 Datasheet HTML 11Page - National Semiconductor (TI) CLC014 Datasheet HTML 12Page - National Semiconductor (TI) CLC014 Datasheet HTML 13Page - National Semiconductor (TI) CLC014 Datasheet HTML 14Page - National Semiconductor (TI) CLC014 Datasheet HTML 15Page - National Semiconductor (TI) CLC014 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Layout and Measurement
The printed circuit board layout for the CLC014 requires
proper high-speed layout to achieve the performance speci-
fications found in the datasheet. The following list contains a
few rules to follow:
1.
Use a ground plane.
2.
Decouple power pins with 0.1 µF capacitors placed
≤ 0.1” (3mm) from the power pins.
3.
Design transmission strip lines from the CLC014’s input
and output pins to the board connectors.
4.
Route outputs away from inputs.
5.
Keep ground plane
≥ 0.025” (0.06mm) away from the
input and output pads.
Figure 8 shows a block level measurement diagram, while
Figure 15 on depicts a detailed schematic. A pseudo-random
pattern generator with low output jitter was used to provide a
NRZI pattern to create the eye diagrams shown in the Typi-
cal Performance Characteristics section.
Since most pattern generators have a 50
Ω output imped-
ance, a translation can be accomplished using a CLC006
Cable Driver as an impedance transformer. A wide band-
width oscilloscope is needed to observe the high data rate
eye pattern. When monitoring a single output that is termi-
nated at both the equalizer output and the oscilloscope, the
effective output load is 37.5
Ω. Consequently, the signal
swing is half that observed for a single-ended 75
Ω
termination.
Troubleshooting with scope probes can affect the equaliza-
tion. For high data rates, use a low capacitance probe with
less than 2 pF probe capacitance. Evaluation boards and
literature are available for quick prototyping and evaluation
of the CLC014 Adaptive Cable Equalizer. The CLC014 con-
tains CMOS devices and operators should use grounding
straps when handling the parts.
Figure 9 shows the CLC014’s internal power supply routing.
Bypass V
CC (pin 4) by:
•
Monolithic capacitor of about 0.1 µF placed less than 0.1”
(3mm) from the pin
•
Tantalum capacitor of about 6.8 µF for large current
signal swings placed as close as convenient to the
CLC014
10005628
FIGURE 8. Typical Measurement Block
10005629
FIGURE 9. Power Package Routing Fixture
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com