Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC014 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC014 Datasheet HTML 9Page - National Semiconductor (TI) CLC014 Datasheet HTML 10Page - National Semiconductor (TI) CLC014 Datasheet HTML 11Page - National Semiconductor (TI) CLC014 Datasheet HTML 12Page - National Semiconductor (TI) CLC014 Datasheet HTML 13Page - National Semiconductor (TI) CLC014 Datasheet HTML 14Page - National Semiconductor (TI) CLC014 Datasheet HTML 15Page - National Semiconductor (TI) CLC014 Datasheet HTML 16Page - National Semiconductor (TI) CLC014 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Layout and Measurement (Continued)
To minimize ringing at the CLC014’s inputs, place a 100
Ω
resistor in series with the input. This resistor reduces induc-
tance effects.
Several layout techniques can improve high speed perfor-
mance:
•
Keep input, output and AEC traces well separated
•
Use balanced input termination’s
•
Avoid routing traces close to the CLC014’s input trace
•
Maintain common return points for components
•
Use guard traces
The input lines of the CLC014 use a 100
Ω series resistors at
the input pins. This decreases the inductive effects internal
to the part to reduce ringing on fast rise and fall times. Refer
to the evaluation board layout for further suggestions on
layout for the CLC014 Adaptive Equalizer.
EQUALIZATION CURVE
The CLC014 Adaptive Cable Equalizer has a maximum
equalization response as shown in Figure 10. This response
may be obtained by forcing >0.5V differentially at the AEC
pins.
CABLE EMULATION BOXES
Some cable emulation boxes will not mimic cables correctly.
When evaluating the CLC014, it is strongly recommended
that actual cable be used to determine the various perfor-
mance parameters.
Typical Applications
COAXIAL CABLE RECEIVER (Page 1)
The CLC014 equalizer application shown on page 1 will
equalize a variety of coaxial cables up to lengths that attenu-
ate the signal by 40 dB at 200 MHz. The application shows
the proper connection for a single cable driven with a
CLC006 driver. Carrier Detect (CD) is connected to MUTE to
latch outputs DO and DO in the absence of an input signal to
the equalizer.
Refer to the CLC014’s evaluation board layout for additional
suggestions.
National can supply most of the major components required
to design a transmission line repeater. Figure 11 shows a
typical repeater design using the CLC006, CLC014, and the
CLC016. The design functions supported by each chip are:
CLC006: Cable connection chip
Boosts drive for transmission to next repeater or
final destinations
CLC014: Receive serialized digital data from incoming
transmission lines
Equalizes the incoming data
CLC016: Retimes the equalized data (improving jitter)
The CLC016 is a multi-rate data retiming PLL. The circuit
(Figure 11) will work at up to 4 different data rates with no
additional components or manual tuning.
Frequency (Hz)
10k
100k
1M
10M
100M
1G
10005630
FIGURE 10. Maximum Equalization Response
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com