Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC018 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC018
Description  8 x 8 Digital Crosspoint Switch, 1.485 Gbps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC018 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC018 Datasheet HTML 1Page - National Semiconductor (TI) CLC018 Datasheet HTML 2Page - National Semiconductor (TI) CLC018 Datasheet HTML 3Page - National Semiconductor (TI) CLC018 Datasheet HTML 4Page - National Semiconductor (TI) CLC018 Datasheet HTML 5Page - National Semiconductor (TI) CLC018 Datasheet HTML 6Page - National Semiconductor (TI) CLC018 Datasheet HTML 7Page - National Semiconductor (TI) CLC018 Datasheet HTML 8Page - National Semiconductor (TI) CLC018 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC–V EE)
−0.3V to +6.0V
V
LL Maximum
V
CC +6V
V
LL Minimum
V
CC −0.5V
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering 4 sec.)
+260˚C
ESD Rating
TBD
Package Thermal Resistance
θ
JA 64-Pin PQFP
75˚C/W
θ
JC 64-Pin PQFP
15˚C/W
Reliability Information
Transistor Count
3000
Recommended Operating
Conditions
Supply Voltage (V
CC–V EE)
4.5V to 5.5V
Operating Temperature
−40˚C to +85˚C
V
LL
V
CC or VCC +5V
Electrical Characteristics
(V
CC = 0V, VEE = −5V, VLL = 0V; unless otherwise specified) (Note 4).
Parameter
Conditions
Typ
+25˚C
Min/Max
+25˚C
Min/Max
−40˚C to
+85˚C
Units
DYNAMIC PERFORMANCE
Max. Data Rate/Channel (NRZ)
(Note 5)
1.485
Gbps
Channel Jitter
Data Rate <500 Mbps
(Note 6)
50
ps
PP
Data Rate <1.485 Gbps
(Note 6)
100
ps
PP
Propagation Delay (input to output)
0.75
ns
Propagation Delay Match
(Note 7)
±200
ps
Output Rise/Fall Time
(Note 8)
250
ps
Duty Cycle Distortion
(Note 9)
10
ps
CONTROL TIMING: CONFIGURATION
OA Bus to LOAD
↑ Setup Time (T1)15
ns
LOAD
↓ to OA Bus Hold Time (T
2)0
ns
IA Bus, TRI to LOAD
↓ Setup Time (T
3)5
ns
LOAD
↓ to IA Bus, TRI Hold Time (T
4)5
ns
Min Pulse Width: (T
5)
LOAD
10
ns
CNFG
10
ns
LOAD
↑ to CNFG ↑ Delay (T6)0
ns
CNFG
↑ to Valid Delay (T 7)20
ns
CNFG
↑ to Output TRI-STATE® Delay (T8)20
ns
CNFG
↑ to Output Active Delay (T9)70
ns
CONTROL TIMING: RESET (Note 11)
TRI to RES
↑ Setup Time (T10)5
ns
RES
↓ to TRI Hold Time (T
11)5
ns
Min Pulse Width: RES (T
12)10
ns
RES
↑ to TRI-STATE Mode Delay (T13)20
ns
RES
↑ to Broadcast Mode Delay (T14)70
ns
STATIC PERFORMANCE
Signal I/O:
Min Input Swing, Differential
(Note 3)
150
200
200
mV
PP
Input Voltage Range Lower Limit
−2
V
Input Voltage Range Upper Limit
0.4
V
Input Bias Current
(Notes 3, 12)
1.5
0.4/3.1
0.3/3.8
µA/output
Output Current
(Note 3)
10.7
8.53/12.80
7.20/14.3
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com