Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC018 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC018
Description  8 x 8 Digital Crosspoint Switch, 1.485 Gbps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC018 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC018 Datasheet HTML 7Page - National Semiconductor (TI) CLC018 Datasheet HTML 8Page - National Semiconductor (TI) CLC018 Datasheet HTML 9Page - National Semiconductor (TI) CLC018 Datasheet HTML 10Page - National Semiconductor (TI) CLC018 Datasheet HTML 11Page - National Semiconductor (TI) CLC018 Datasheet HTML 12Page - National Semiconductor (TI) CLC018 Datasheet HTML 13Page - National Semiconductor (TI) CLC018 Datasheet HTML 14Page - National Semiconductor (TI) CLC018 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Operation (Continued)
EXPANDING THE NUMBER OF INPUT PORTS
Expanding the number of inputs in a switch array is accom-
plished by wire-ORing the outputs together, and TRI-
STATEing the outputs of the CLC018s that do not have their
inputs selected. The output bus should be a controlled im-
pedance transmission line with proper termination. This is
shown in Figure 12. The circuit uses a 1-of-2 decoder with
complemented outputs to control the TRI pins of the
CLC018s in the array. Thus, all CLC018s are programmed
simultaneously, and all of them, except for the one with the
selected input, are placed in the TRI-STATE mode.
EXPANDING BOTH INPUTS AND OUTPUTS
To increase both the number of inputs and outputs in an
array, apply both the input port and output port expansion
techniques simultaneously. In Figure 13, this is shown for the
case of a 24 input by 32 output switch array. Note that both
input and output busses need to be controlled impedance
transmission lines. The CS pins for rows of CLC018s are
connected together and become the row select inputs,
whereas the TRI pins are connected together for the col-
umns of CLC018s and become the column select pins.
10008820
FIGURE 11.8x16 Crosspoint Example
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com