Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS521 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # CMS521
Description  Safety Interlock Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CMS521 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button CMS521 Datasheet HTML 6Page - Omron Electronics LLC CMS521 Datasheet HTML 7Page - Omron Electronics LLC CMS521 Datasheet HTML 8Page - Omron Electronics LLC CMS521 Datasheet HTML 9Page - Omron Electronics LLC CMS521 Datasheet HTML 10Page - Omron Electronics LLC CMS521 Datasheet HTML 11Page - Omron Electronics LLC CMS521 Datasheet HTML 12Page - Omron Electronics LLC CMS521 Datasheet HTML 13Page - Omron Electronics LLC CMS521 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
G
G-74
www.sti.com/info
CM Series Safety Interlock Switches
Universal Mounting Brackets can be used with
this product. See page G-210 for details.
✎
Model
Switch
Construction
Contacts
Wiring Entry
Part No.
Control Units for 2-Wire Switches
CM-S21-24 (24 VAC/DC)
44536-0120
CM-S41-24 (24 VAC/DC)
44536-0140
CM-S41-110 (110 VAC or 230 VAC)
44536-0141
CM-SE-24 (24 VAC/DC)
44536-0170
2-Wire Switches
CM-S11-PC3
Plastic
2-wire system
3 m cable
44536-1100
CM-S11-PC5
Plastic
2-wire system
5 m cable
44536-1105
CM-S11-PC10
Plastic
2-wire system
10 m cable
44536-1110
CM-S11-PCC5
Plastic
2-wire system
connector + 5 m cable
44536-1159
CM-S31SC3
Stainless Steel
2-wire system
3 m cable
44536-3100
CM-S31SC5
Stainless Steel
2-wire system
5 m cable
44536-3105
CM-S31SCC5
Stainless Steel
2-wire system
connector + 5 m cable
44536-3159
Control Units for 1 N/C + 1 N/O Reed Style Switches
CM-S30 (24 VAC/DC)
44536-0030
CM-S4 (24 VAC/DC)
44536-0040
1 N/C + 1 N/O Reed Style Switches
CM-S1PC3
Plastic
1 N/C + 1 N/O
3 m cable
44536-0100
CM-S1PC5
Plastic
1 N/C + 1 N/O
5 m cable
44536-0105
CM-S2PC3
Plastic
1 N/C + 1 N/O
3 m cable
44536-0200
CM-S2PC5
Plastic
1 N/C + 1 N/O
5 m cable
44536-0205
CM-S3PC3
Plastic
1 N/C + 1 N/O
3 m cable
44536-0300
CM-S3PC5
Plastic
1 N/C + 1 N/O
5 m cable
44536-0305
CM-S5PC5
Plastic
1 N/C + 1 N/O
5 m cable
44536-0505
CM-S5PC10
Plastic
1 N/C + 1 N/O
10 m cable
44536-0510
CM-S6PC5
Plastic
1 N/C + 1 N/O
5 m cable
44536-0605
CM-S6PC10
Plastic
1 N/C + 1 N/O
10 m cable
44536-0610
Universal Reed Style Switches
(can be used with safety monitoring relays that accept 1N/C + 1N/O or 2NC switch contacts except the SR203, SR208, SR209)
CAUTION! Universal reed switches may be operated with a coded or non-coded actuator when using 2 NC contacts with a safety monitoring relay.
CM-S221PC5
Plastic
2 N/C + 1 N/O
5 m cable
44536-0221
CM-S221PCC5
Plastic
2 N/C + 1 N/O
connector + 5 m cable
44536-0225
CM-S221PCC
Plastic
2 N/C + 1 N/O
no cable
44536-0226
CM-S521PC5
Plastic
2 N/C + 1 N/O
5 m cable
44536-0521
CM-S521PC10
Plastic
2 N/C + 1 N/O
10 m cable
44536-1521
CM-S621PC5
Plastic
2 N/C + 1 N/O
5 m cable
44536-0621
CM-S621PC10
Plastic
2 N/C + 1 N/O
10 m cable
44536-1621
CM-S321SC5
Stainless Steel
2 N/C + 1 N/O
5 m cable
44536-3221
CM-S321SCC5
Stainless Steel,
backing plate
2 N/C + 1 N/O
M12 connector
+ 5 m cable
44536-3229
CM-S321SCC
Stainless Steel,
backing plate
2 N/C + 1 N/O
M12 connector,
no cable
44536-3220
CM-S421SC5
Stainless Steel, No
backing plate
2 N/C + 1 N/O
5 m cable
44536-4221
CM-S421SCC5
Stainless Steel, No
backing plate
2 N/C + 1 N/O
M12 connector
+ 5 m cable
44536-4229
Recommended Safety Monitoring Relays for Universal Reed Style Switches
CM-S4, CM-S30, G9SA series, G9SX-AD, G9SX-BC, SR series
Spare Actuators/Accessories
Replacement Actuator for CM-S1, Red ABS Plastic
44536-0710
Replacement Actuator for CM-S2, Red ABS Plastic
44536-0720
Replacement Actuator for CM-S3, Red ABS Plastic
44536-0730
Replacement Actuator for CM-S5,CM-S521 Red ABS Plastic
44536-0750
Replacement Actuator for CM-S6, CM-S621 Red ABS Plastic
44536-0760
Replacement Actuator for CM-S11, Red ABS Plastic
44536-0711
Replacement Actuator for CM-S31, Red ABS Plastic
44536-0731
Replacement Actuator for CM-S221, Red ABS Plastic
44536-0721
Replacement Actuator for CM-S321, Stainless Steel, backing plate
44536-0741
Replacement Actuator for CM-S421, Stainless Steel, No backing Plate
44536-0751
Mounting Bracket for CM-S3
44536-0800
Ordering
Select models are available for Rapid Delivery.
Visit this product on www.sti.com for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com