Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS521 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CMS521
Description  Safety Interlock Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CMS521 Datasheet(HTML) 3 Page - Omron Electronics LLC

  CMS521 Datasheet HTML 1Page - Omron Electronics LLC CMS521 Datasheet HTML 2Page - Omron Electronics LLC CMS521 Datasheet HTML 3Page - Omron Electronics LLC CMS521 Datasheet HTML 4Page - Omron Electronics LLC CMS521 Datasheet HTML 5Page - Omron Electronics LLC CMS521 Datasheet HTML 6Page - Omron Electronics LLC CMS521 Datasheet HTML 7Page - Omron Electronics LLC CMS521 Datasheet HTML 8Page - Omron Electronics LLC CMS521 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
G
G-65
www.sti.com/info
CM Series Safety Interlock Switches
Control Unit Specifications
Electrical
CM-S4
CM-S30
CM-S41, CM-S21 & CM-SE
Power Supply:
24 VAC/DC ± 10%
24 VAC/DC ± 10%
CM-S41 — 24 VAC/DC, 110/230 VAC
CM-S21 & CM-SE — 24 VAC/DC
Power Consumption:
2.4 VA typical, 0.25 A quick acting
120 mA
CM-S41 — 6 VA;
CM-S21 & CM-SE — 3 VA
Input Fuse:
500 mA resetable
750 mA resetable
500 mA resetable
Safety Inputs:
1 N/O + 1 N/C
1 N/O + 1 N/C
CM-S41 —
4 CM-S11 or CM-S31 switches
CM-S21 —
2 CM-S11 or CM-S31 switches
CM-SE — 5 CM-S11 or CM-S31 switches
Max Cable Length:
—
—
100 m (328 ft.)
Max Input Resistance:
Contact factory
Contact factory
Contact factory
Relay Outputs:
1 N/O safety + 1 N/O aux.
2 N/O safety + 1 N/C aux.
CM-S41 & CM-S21 — 2 N/O;
CM-SE — N/A
Max Switched Current/Voltage:
4 A / 24 VAC/DC
3 A / 24 VAC/DC
4 A / 230 VAC; 2 A / 24 VDC (resistive)
Min Switched Current/Voltage:
4 mA / 12 V
4 mA / 12 V
10 V / 10 mA
Impulse Withstand Voltage:
250 V
250 V
250 V
Max Drop-Out Time:
18 ms
18 ms
Deactivation by sensor 13 mS
Max Output Fuse:
4 A quick acting
4 A quick acting
AC = 5 A; DC = 2.5 A; quick acting
Reset Mode:
Automatic
Automatic/Manual, monitored Monitored manual or automatic
External Device Monitoring:
N/C loop between Y1 and Y2
Between Y1, Y2, Y3
N/C loop between X1 and X2
Mechanical
Mounting:
35 mm (1.38 in.) DIN rail
35 mm (1.38 in.) DIN rail
35 mm (1.38 in.) DIN rail
Case Material:
Polyamid PA6.6
Polyamid PA6.6
Polycarbonate
Max Wire Size:
2 x 2.5 mm2 (12 AWG)
1 x 2.5 mm2 (14 AWG)
1 x 2.5 mm2 stranded, 1 x 4 mm2 solid
Weight:
240 g (8.5 oz.)
230 g (8.1 oz.)
CM-S41 — 575 g (20.3 oz.)
CM-S21 — 183 g (6.5 oz.)
CM-SE — 135 g (4.8 oz.)
Color:
Grey
Red/Grey
Red
Indication:
U: Green = On
Outputs Open: Red = On
Outputs Closed: Green = On
D11, D12, D21, D22: Green = Gate closed
D31, D32, D41, D42: Red = Gate open
Green = Power On
Green = K1 On
Green = K2 On
Power = Red
Outputs Closed: Green = On
Outputs Open: No Light = Off
Gate Closed: Yellow = On
Gate Open: No Light = Off
Mechanical Life:
3 x 107
1 x 107
1 x 106
Environmental
Protection:
Housing IP40, Terminals IP20
Housing IP40, Terminals IP20 Housing IP40, Terminals IP20
Operating Temperature:
0 to 50°C (32 to 122°F)
0 to 55°C (32 to 131°F)
10 to 55°C (50 to 131°F)
Humidity:
95%
93%
85%
Compliance
Standards:
EN292, EN60204-1, ISO 13849-1, EN1088, EN60947-5-3, EN947-5-3,
EN50081, EN50082, EN61000-6-2
EN292, EN60204-1, EN954-1,EN1088,
EN60947-5-3, EN947-5-3, EN50081,
EN50082, EN61000-6-2
Approvals/Listings:
CE marked for all applicable directives, UL and C-UL, TUV (TUV pending for CM-S30)
Safety Category:
Cat 3 per EN954-1
(internal operation)
Cat 4 per ISO 13894-1
(internal operation)
Cat 3 per EN954-1
(internal operation)
Specifications are subject to change without notice.
Note: The safety contacts of the STI switches are described as normally closed (N/C) i.e., with the guard closed, actuator in place, and the machine able to
be started.
Select models are available for Rapid Delivery.
Visit this product on www.sti.com for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com