Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F60AXB Datasheet(PDF) 1 Page - Marathon Special Products

Part # F60AXB
Description  Class H/K Fuse Holder 60 Amps, 250 Volts AC/DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

F60AXB Datasheet(HTML) 1 Page - Marathon Special Products

  F60AXB Datasheet HTML 1Page - Marathon Special Products F60AXB Datasheet HTML 2Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Data Sheet
Wire Range:
#2 - #14 AWG Copper
#2 - #12 AWG Aluminum
3 pole shown
F60AXB
Replace “X” with 1, 2 or 3 for number of poles
Class H/K Fuse Holder
60 Amps, 250 Volts AC/DC
Holds fuse size 13/16” diameter X 3”
Commonly used fuses in this holder: A2Y, CRN, NLN, NON, NRN, OT, OTN, RLN, RF
See tables below for wire sizes.
Electrical Ratings:
• 31 - 60A max (amperage rating based on maximum fuse rating for that physical size)
• 250 Volts AC/DC
• Approved for 10,000 Amp Withstand Rating
Mechanical Ratings:
• Insulator base temperature rating: -40°C/F to 125°C (257°F) UL RTI
• Flammability rating of insulator base: UL 94V-0
• Touch protection: IP-20 (IEC 60529) with optional cover CHR260 (See accessories)
• Use outside these ratings needs to be judged in the end-use application.
Materials:
• Fuse Clip: Copper alloy, tin plated
• Box Connector: High conductivity aluminum, tin plated
• Insulator base: Glass filled polycarbonate (thermoplastic)
• Terminal set screws: Steel, nickel plated
• Connector mounting screws: Steel, zinc plated
Agency Approvals:
• UL Listed, Fuseholder standards UL 4248-1 and UL 4248-6.
• UL File No. IZLT.E35113
• CSA Certified, CSA C22.2 No. 39 – M1987, File No. LR21455
• CE compliant to IEC 60947-1
• RoHS Compliant


Similar Part No. - F60AXB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F60A SEMTECH-F60A Datasheet
121Kb / 3P
RECTIFIER, up to 6kV, 100mA, 300ns
logo
New Jersey Semi-Conduct...
F60A NJSEMI-F60A Datasheet
143Kb / 3P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
More results

Similar Description - F60AXB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
02178 VICOR-02178 Datasheet
48Kb / 1P
FUSE 3 AMPS, 250 VOLTS
logo
Marathon Special Produc...
6R100AXB MARATHON-6R100AXB Datasheet
120Kb / 2P
Reinforced Class R Fuse Holder 100 Amps, 600 Volts AC/DC
REV B 9/01/11
R100AXB MARATHON-R100AXB Datasheet
115Kb / 2P
Reinforced Class R Fuse Holder 100 Amps, 250 Volts AC/DC
REV B 9/07/11
R6CC60AXB MARATHON-R6CC60AXB Datasheet
144Kb / 3P
Reinforced Class CC Fuse Holder 60 Amps, 600 Volts AC/DC
REV B 8/24/11
R6F100AXB MARATHON-R6F100AXB Datasheet
143Kb / 2P
Reinforced Class H and K Fuse Holder 100 Amps, 600 Volts AC/DC
REV C 9/07/11
R6F30AXB MARATHON-R6F30AXB Datasheet
76Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXS MARATHON-R6F30AXS Datasheet
89Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXSP MARATHON-R6F30AXSP Datasheet
99Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F400AXB MARATHON-R6F400AXB Datasheet
116Kb / 2P
Reinforced Class H and K Fuse Holder 400 Amps, 600 Volts AC/DC
REV B 8/30/11
RF100AXB MARATHON-RF100AXB Datasheet
496Kb / 2P
Reinforced Class H and K Fuse Holder 100Amps,250VoltsAC/DC
REV C 9/07/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com