Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F60AXB Datasheet(PDF) 2 Page - Marathon Special Products

Part # F60AXB
Description  Class H/K Fuse Holder 60 Amps, 250 Volts AC/DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

F60AXB Datasheet(HTML) 2 Page - Marathon Special Products

  F60AXB Datasheet HTML 1Page - Marathon Special Products F60AXB Datasheet HTML 2Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wire Approvals:
Wire
Torque
Copper Wire Stranding Classes - Number of Conductors
Size
N-m
In. lbs
Solid
Class B
Class C
2 AWG
5.6
50 in. lbs
1
1
4
5.1
45 in. lbs
1
1
6
5.1
45 in. lbs
1
1
8
4.5
40 in. lbs
1
1
10
4.0
35 in. lbs
1
1
1
12
4.0
35 in. lbs
1
1
1
14
4.0
35 in. lbs
1
1
1
Aluminum Stranded Wire Range: #2 - #12 AWG
• Wire strip length – 9/16”
• Panel mountable: #10 fastener, torque to 25-30 in. lbs. (2.8 - 3.4 N-m)
Accessories:
• Cover: CHR260. Glass-filled polycarbonate (thermoplastic). 125°C (UL RTI),
Flammability rating UL 94 V-0, UL Listed File No. JDVS2.181825.
WWW.MARATHONSP.COM
1-419-352-8441
PDS 0153 REV B 8/29/11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com