Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6386D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6386D
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6386D Datasheet HTML 2Page - STMicroelectronics L6386D Datasheet HTML 3Page - STMicroelectronics L6386D Datasheet HTML 4Page - STMicroelectronics L6386D Datasheet HTML 5Page - STMicroelectronics L6386D Datasheet HTML 6Page - STMicroelectronics L6386D Datasheet HTML 7Page - STMicroelectronics L6386D Datasheet HTML 8Page - STMicroelectronics L6386D Datasheet HTML 9Page - STMicroelectronics L6386D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
-45
-25
0
25
50
75
100
125
9
10
11
12
13
14
15
Tj (
°C)
Typ.
Figure 11. Vcc UV Turn On Threshold vs. Tem-
perature
-45
-25
0
25
50
75
100
125
7
8
9
10
11
12
Tj (
°C)
Typ.
Figure 12. Vcc UV Turn Off Threshold vs.
Temperature
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (
°C)
Typ.
@ Vcc = 15V
Figure 14. Output Source Current vs. Tem-
perature
-45
-25
0
25
50
75
100
125
1
1.5
2
2.5
3
Tj (
°C)
Typ.
Figure 13. Vcc UV Hysteresis vs. Tempera-
ture
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (
°C)
Typ.
@ Vcc = 15V
Figure 15. Output Sink Current vs. Tempera-
ture
L6386
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com