Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6386D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6386D
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386D Datasheet(HTML) 3 Page - STMicroelectronics

  L6386D Datasheet HTML 1Page - STMicroelectronics L6386D Datasheet HTML 2Page - STMicroelectronics L6386D Datasheet HTML 3Page - STMicroelectronics L6386D Datasheet HTML 4Page - STMicroelectronics L6386D Datasheet HTML 5Page - STMicroelectronics L6386D Datasheet HTML 6Page - STMicroelectronics L6386D Datasheet HTML 7Page - STMicroelectronics L6386D Datasheet HTML 8Page - STMicroelectronics L6386D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RECOMMENDED OPERATING CONDITIONS
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vout
12
Output Voltage
Note1
580
V
Vboot-
Vout
14
Floating Supply Voltage
Note1
17
V
fsw
Switching Frequency
HVG,LVG load CL = 1nF
400
kHz
Vcc
4
Supply Voltage
17
V
Tj
Junction Temperature
-45
125
°C
Note 1: if the condition Vboot - Vout < 18V is guaranteed, Vout can range from -3 to 580V.
ELECTRICAL CHARACTERISTICS
AC Operation (Vcc = 15V; Tj = 25
°C)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ton
1.3
vs 9,
13
High/Low Side Driver Turn-On
Propagation Delay
Vout = 0V
110
150
ns
toff
High/Low Side Driver Turn-Off
Propagation Delay
Vout = 0V
105
150
ns
tsd
2 vs
9,13
Shut Down to High/Low Side
Propagation Delay
Vout = 0V
105
150
ns
tr
13,9
Rise Time
CL = 1000pF
50
ns
tf
13,9
Fall Time
CL = 1000pF
30
ns
DC Operation (Vcc = 15V; Tj = 25
°C)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Low Supply Voltage Section
Vcc
4
Supply Voltage
17
V
Vccth1
Vcc UV Turn On Threshold
11.5
12
12.5
V
Vccth2
Vcc UV Turn Off Threshold
9.5
10
10.5
V
Vcchys
Vcc UV Hysteresis
2
V
Iqccu
Undervoltage Quiescent Supply Current
Vcc
≤ 11V
200
µA
Iqcc
Quiescent Current
Vcc = 15V
250
320
µA
Bootstrapped Supply Section
Vboot
14
Bootstrapped Supply Voltage
17
V
Vbth1
Vboot UV Turn On Threshold
10.7
11.9
12.9
V
Vbth2
Vboot UV Turn Off Threshold
8.8
9.9
10.7
V
Vbhys
Vboot UV Hysteresis
2
V
Iqboot
Vboot Quiescent Current
Vout = Vboot
200
µA
Ilk
Leakage Current
Vout = Vboot = 600V
10
µA
Rdson
Bootstrap Driver on Resistance (*)
Vcc
≥ 12.5V; Vin = 0V
125
Ω
Driving Buffers Section
Iso
9, 13
High/Low Side Driver Short Circuit
Source Current
VIN = Vih (tp < 10
µs)
300
400
mA
Isi
High/Low Side Driver Short Circuit
Sink Current
500
650
mA
Logic Inputs
Vil
1,2,3
Low Level Logic Threshold Voltage
1.5
V
Vih
High Level Logic Threshold Voltage
3.6
V
Iih
High Level Logic Input Current
VIN = 15V
50
70
µA
Iil
Low Level Logic Input Current
VIN = 0V
1
µA
(*) RDSON is tested in the following way: RDSON
=
(VCC
− V
CBOOT1
) −(VCC
− V
CBOOT2
)
I1
(VCC,VCBOOT1)− I2(VCC,VCBOOT2)
where I1 is pin 8 current when VCBOOT =VCBOOT1,I2 when VCBOOT =VCBOOT2.
L6386
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com