Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6451 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6451
Description  28 CHANNEL INK JET DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6451 Datasheet(HTML) 3 Page - STMicroelectronics

  L6451 Datasheet HTML 1Page - STMicroelectronics L6451 Datasheet HTML 2Page - STMicroelectronics L6451 Datasheet HTML 3Page - STMicroelectronics L6451 Datasheet HTML 4Page - STMicroelectronics L6451 Datasheet HTML 5Page - STMicroelectronics L6451 Datasheet HTML 6Page - STMicroelectronics L6451 Datasheet HTML 7Page - STMicroelectronics L6451 Datasheet HTML 8Page - STMicroelectronics L6451 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PIN FUNCTIONS
Name
Function
VDD
5V Logic Supply.
GND
Logic and Power Ground.
OUT0 to OUT27
DMOS Outputs.
CLAMP
This pin has to be connected to the power supply voltage of the head resistors. Each of the
output DMOS have their drain connected with the anode of a protection diode, all the cathodes
of the protection diodes are connected to the clamp pin. In order to have the device supplied,
the CLAMP pin needs to be connected to the power..
INA, INB, INC, IND
Decoder inputs.
COM1, COM2
A low logic input on these pins enables the outputs selected by the decoder inputs.
CHIP ENABLE
A logic high enable the chip.
THERMAL DATA
Symbol
Parameter
PQFP44
PLCC44
Unit
Rth j-amb
Thermal Resistance Junction-Ambient
Max.
55 (*)
65 (*)
°C/W
(*) device mounted on PCB.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VOUT
Output Voltage
40
V
VCLAMP
Output Clamping Voltage
40
V
IOUT
Output Continuous Current
0.8
A
IPEAK
Output Peak Current (with duty cycle = 10% TON =4
µs)
2
A
TJ
Junction Temperature
150
°C
VDD
Logic Supply Voltage
7
V
VIN
Input Voltage Range
-0.3V to VS +0.3
V
Tamb
Operating Temperature Range
0 to 70
°C
Tstg
Storage Temperature Range
-55 to 150
°C
L6451
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com