Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6451 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6451
Description  28 CHANNEL INK JET DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6451 Datasheet(HTML) 4 Page - STMicroelectronics

  L6451 Datasheet HTML 1Page - STMicroelectronics L6451 Datasheet HTML 2Page - STMicroelectronics L6451 Datasheet HTML 3Page - STMicroelectronics L6451 Datasheet HTML 4Page - STMicroelectronics L6451 Datasheet HTML 5Page - STMicroelectronics L6451 Datasheet HTML 6Page - STMicroelectronics L6451 Datasheet HTML 7Page - STMicroelectronics L6451 Datasheet HTML 8Page - STMicroelectronics L6451 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
D.C. ELECTRICAL CHARACTERISTICS at Tamb =25
°C, VDD =5V, Vclamp = 18V (unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Logic Supply Voltage
4.75
5
5.25
V
VCLAMP
Clamping Voltage
9
38
V
VIL
Low Level Input Voltage
1.2
V
VIH
High Level Input Current
VDD -1.2
V
ILL
Low Level Input Current
VIN =VIL
-200
µA
ILH
High Level Input Current
VIN =VIH
10
µA
IDD
Logic Supply Current
(Independent from the output
conditions)
5mA
VOUT
Output Saturation Voltage
Tj 25
°C D.C. 0.4A
Tj 25
°C D.C. 0.5A
Tj 90
°C D.C. 0.4A
Tj 90
°C D.C. 0.5A
0.9
1.1
1.4
1.7
V
V
V
V
∆VCE
Output saturation absolute
voltage variation around the
typ. values for extended
temperature ranges
Tj = 25
°Cto 90°C D.C.: 0.4A
Tj = 25
°Cto 90°C D.C.: 0.5A
±0.2
±0.25
V
V
RDS ON
2.2
Ω
A.C. ELECTRICAL CHARACTERISTICS at Tamb =25
°C, VDD = 5V.
Symbol
Signal Name
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TS
INA, INB, INC,
IND Vs COMn
SET - UP Time
30
ns
TH
INA, INB, INC,
IND Vs COMn
HOLD Time
0
ns
Ton
COM1,2,3,4
VS OUT 0 to N
TURN - ON Time
IOUT = 0.5A, RL =39
Ω
Tj =25 to 90
°C
150
ns
Toff
COM1,2,3,4
VS OUT 0 to N
TURN - OFF Time
IOUT = 0.5A, RL =39
Ω
Tj =25 to 90
°C
150
ns
tr
Rise Time
100
ns
tf
Fall Time
100
ns
Twout
Output Pulse Width
Twin = 3.5
µsRL =40Ω
IOUT = 0.5A
-20
Twin
+80
ns
∆PD
Maximum allowable
variation of the output
power transmitted by
each driver to the
resistive load
RL =39
Ω
VCLAMP = 18V
±4%
∆PD
Maximum
allowable
variation of
the output
power
transmitted
by each
driver to the
resistive load
RL =40
Ω
Vclamp = 18V
æ4
%
L6451
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com