Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20100
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20100 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20100 Datasheet HTML 1Page - STMicroelectronics STPS20100 Datasheet HTML 2Page - STMicroelectronics STPS20100 Datasheet HTML 3Page - STMicroelectronics STPS20100 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
STPS20100CT
®
August 2002 - Ed:2C
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
s
Negligible switching losses
s
Low forward voltage drop
s
Low capacitance
s
High reverse avalanche surge capability
FEATURES
High voltage dual Schottky rectifier suited for
switchmode power supplies and other power
converters. Packaged in TO-220AB, this device
is intended for use in medium voltage operation,
and particularly, in high frequency circuitries
where low switching losses and low noise are
required.
DESCRIPTION
A1
A2
K
TO-220AB
STP20100CT
A1
A2
K
IF(AV)
2 x 10A
VRRM
100V
VF (max)
0.7V
Tj (max)
175°C
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward current
Per diode
30
A
IF(AV)
Average forward current
δ = 0.5
Tc=110°C
VR = 60V
Per diode
Per device
10
20
A
A
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
Per diode
200
A
IRRM
Repetitive peak reverse current
tp=2
µs
F=1KHz
Per diode
1
A
IRSM
Non repetitive peak reverse current
tp=100
µs
Per diode
1
A
Tstg
Storage temperature range
-65to + 175
°C
Tj
Maximum junction temperature (*)
175
°C
dV/dt
Critical rate of rise of reverse voltage
1000
V/
µs
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - STPS20100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20100 STMICROELECTRONICS-STPS20100 Datasheet
180Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Aug-2002
STPS20100CT STMICROELECTRONICS-STPS20100CT Datasheet
180Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Aug-2002
logo
Inchange Semiconductor ...
STPS20100CT ISC-STPS20100CT Datasheet
295Kb / 2P
High Voltage Power Schottky Rectifier
logo
SUNMATE electronic Co.,...
STPS20100CT SUNMATE-STPS20100CT Datasheet
623Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
STMicroelectronics
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
More results

Similar Description - STPS20100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com