Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20100
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20100 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20100 Datasheet HTML 1Page - STMicroelectronics STPS20100 Datasheet HTML 2Page - STMicroelectronics STPS20100 Datasheet HTML 3Page - STMicroelectronics STPS20100 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STPS20100CT
2/4
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
Per diode
1.6
°C/W
Total
0.9
Rth (c)
Coupling
0.15
°C/W
When the diodes 1 and 2 are used simultaneously :
Tj-Tc(diode 1)=P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR*
Reverse leakage current
VR =VRRM
Tj = 25°C
150
µA
Tj = 125°C
100
mA
VF**
Forward voltage drop
IF = 20A
Tj = 125°C
0.85
V
IF = 10A
Tj = 125°C
0.60
0.70
IF = 20A
Tj = 25°C
0.95
Pulse test : * tp = 5 ms, duty cycle<2%
** tp = 380
µs, duty cycle<2%
To evaluate the conduction losses use the following equation :
P=0.55xIF(AV) + 0.015 x IF
2
(RMS)
ELECTRICAL CHARACTERISTICS (Per diode)
STATIC CHARACTERISTICS
012345
6789 10 11 12 13 14 15
0
1
2
3
4
5
6
7
8
9
10
11
12
=0.05
=0.1
=0.2
=0.5
T
=tp/T
tp
IF(av)(A)
PF(av)(W)
=1
Fig. 1 : Average forward power dissipation versus
average forward current. (Per diode)
0
25
50
75
100
125
0
2
4
6
8
10
12
T
=tp/T
tp
=0.5
F(av)(A)
I
o
Tamb( C)
Rth(j-a)=15
C/W
o
Rth(j-a)=Rth(j-c)
Fig.
2
:
Average
current
versus
ambient
temperature. (duty cycle : 0.5) (Per diode)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com