Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6560D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6560D
Description  POWER FACTOR CORRECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6560D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6560D Datasheet HTML 3Page - STMicroelectronics L6560D Datasheet HTML 4Page - STMicroelectronics L6560D Datasheet HTML 5Page - STMicroelectronics L6560D Datasheet HTML 6Page - STMicroelectronics L6560D Datasheet HTML 7Page - STMicroelectronics L6560D Datasheet HTML 8Page - STMicroelectronics L6560D Datasheet HTML 9Page - STMicroelectronics L6560D Datasheet HTML 10Page - STMicroelectronics L6560D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
-50
0
50
100
2.46
2.48
2.50
T(
°C)
VREF
(V)
D94IN048
Figure 9: Voltage Feedback Input Threshold vs.
Temperature
-200
-100
0
100
200
300
400
0
50
100
150
200
250
300
350
400
450
500
VCS (pin4)
(mV)
550
VCOMP
D94IN043
VMULT (pin3) (mV)
3.6
3.7
3.9
4.1
4.3
4.7
5.1
5.7
Figure 13: Multiplier Characteristics Family
-5
0
5
10
15
20 VCC(V)
0
1
2
3
4
ICC
(mA)
D94IN045
CL = 1nF
f= 70KHz
TA =25°C
Figure 8: Supply Current vs. Supply Voltage
0
100
200
300
400 IGD (mA)
0
0.5
1.0
1.5
2.0
VPIN7
(V)
SINK
VCC = 14.5V
D94IN046
Figure 10: Output Saturation Voltage vs. Sink
Current
-1.0
0.0
1.0
2.0
3.0
VMULT(pin3) (V)
4.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCS(pin4)
(V)
D94IN042
3.6
3.7
3.9
4.1
4.3
4.7
5.1
5.7
VCOMP(pin2)
(V)
Figure 12: Multiplier Characteristics Family
0
100
200
300
400 IGD (mA)
0
VCC -2.0
VCC -1.5
VCC -1.0
VCC -0.5
VPIN7
(V)
SOURCE
VCC = 14.5V
D94IN053
Figure 11: Output Saturation Voltage vs. Source
Current
L6560 - L6560A
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com