Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6560D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6560D
Description  POWER FACTOR CORRECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6560D Datasheet(HTML) 2 Page - STMicroelectronics

  L6560D Datasheet HTML 1Page - STMicroelectronics L6560D Datasheet HTML 2Page - STMicroelectronics L6560D Datasheet HTML 3Page - STMicroelectronics L6560D Datasheet HTML 4Page - STMicroelectronics L6560D Datasheet HTML 5Page - STMicroelectronics L6560D Datasheet HTML 6Page - STMicroelectronics L6560D Datasheet HTML 7Page - STMicroelectronics L6560D Datasheet HTML 8Page - STMicroelectronics L6560D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Pin
Parameter
Value
Unit
IVcc
8ICC +IZ
30
mA
IGD
7
Output Totem Pole Peak Current (2
µs)
±700
mA
INV, COMP
MULT
1, 2, 3
Analog Inputs & Outputs
-0.3 to 7
V
CS
4
Current Sense Input
-0.3 to 7
V
ZCD
5
Zero Current Detector
5 (source)
10 (sink)
mA
mA
Ptot
Power Dissipation @Tamb =50
°C
(Minidip)
(SO8)
1
0.65
W
Tj
Junction Temperature Operating Range
-25 to 150
°C
Tstg
Storage Temperature
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
SO 8
MINIDIP
Unit
Rth j-amb
Thermal Resistance Junction-ambient
150
100
°C/W
PIN FUNCTIONS
N.
Name
Fun ction
1
INV
Inverting input of the error amplifier. A resistive divider is connected between output regulated
voltage and this point, to provide the voltage feedback.
2
COMP
Output of error amplifier. A feedback compensation network is placed between this pin and the
INV pin.
3
MULT
Input of the multipler stage. A resistive divider connects to this pin the rectified mains. A
voltage signal, proportional to the rectified mains, appears on this pin.
4
CS
Input to the comparator of the control loop. The current is sensed by a resistor and the
resulting voltage is applied to this pin.
5
ZCD
Zero current detection input.
6
GND
Ground of the control section.
7
GD
Gate driver output. A push pull output stage is able to drive the Power MOS with peak current
of 400mA (source and sink).
8VCC
Supply voltage of driver and control circuits.
PIN CONNECTION
L6560 - L6560A
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com