Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590N Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6590N
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6590N Datasheet HTML 14Page - STMicroelectronics L6590N Datasheet HTML 15Page - STMicroelectronics L6590N Datasheet HTML 16Page - STMicroelectronics L6590N Datasheet HTML 17Page - STMicroelectronics L6590N Datasheet HTML 18Page - STMicroelectronics L6590N Datasheet HTML 19Page - STMicroelectronics L6590N Datasheet HTML 20Page - STMicroelectronics L6590N Datasheet HTML 21Page - STMicroelectronics L6590N Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
L6590
18/23
At turn-on, there are large current spikes due to the discharge of parasitic capacitances and, in case of Contin-
uos Conduction Mode operation, to secondary diode reverse recovery as well, which could falsely trigger the
OCP comparator. To increase noise immunity the output of the OCP comparator is blanked for a short time
(about 120 ns) just after the MOSFET is turned on, so that any disturbance within this time slot is rejected (Lead-
ing Edge Blanking).
Figure 37. OCP internal schematic
Thermal Shutdown
Overheating of the device due to an excessive power throughput or insufficient heatsinking is avoided by the
Thermal Shutdown function. A thermal sensor monitors the junction temperature close to the power MOSFET
and, when the temperature exceeds 150 °C (min.), sets an alarm signal that stops the operation of the device.
This is a not-latched function and the power MOSFET is re-enabled as the temperature falls about 40 °C.
Clock
+
-
DRAIN
GND
1
1/100
S
R
Q
Max. Duty cycle
OSCILLATOR
PWM
Driver
Rsense
OCP
+
-
0.5 V
LEB
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com